Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 8Page - STMicroelectronics ST25R3910 Datasheet HTML 9Page - STMicroelectronics ST25R3910 Datasheet HTML 10Page - STMicroelectronics ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
Functional overview
ST25R3910
12/65
DocID029768 Rev 2
this low power mode, only the Target Activation Detector, which will detect a presence of
external RF field, is active. Once the presence of external RF field is detected, an interrupt is
sent to the microcontroller, which will in turn switch on the oscillator and the receiver.
1.2.2
Transmitter
The transmitter contains two identical push-pull driver blocks connected to the pins RFO1
and RFO2. Each driver is composed of eight segments having binary weighted output
resistance. The MSB segment typical ON resistance is 3 Ω, when all segments are turned
on; the output resistance is typically 1.5 Ω. All segments are turned on to define the normal
transmission (non-modulated) level. It is also possible to switch off certain segments when
driving the non-modulated level to reduce the amplitude of the signal on the antenna and/or
to reduce the antenna Q factor without making any hardware changes.
AM modulation and operation of the driver segments is controlled by writing AM modulation
depth and antenna driver registers. Antenna Driver Non-Modulated Level Definition Register
defines which segments will be used to define normal, non-modulated level. Modulation
Depth Definition Register and Antenna Driver AM Modulated Level Definition Register are
used to define how the AM modulated level is set-up. It can be set-up automatically by
definition of modulation depth and the direct command Calibrate Modulation Depth or by a
direct definition of segments which are turned off during AM modulation.
1.2.3
Receiver
The receiver performs demodulation of the tag sub-carrier modulation that is superimposed
on the 13.56 MHz carrier frequency. It performs AM and/or PM demodulation, amplification,
band-pass filtering and digitalization of sub-carrier signals (848, 424 and 212 kHz subcarrier
frequencies are supported). Additionally it performs RSSI measurement, automatic gain
control (AGC) and Squelch.
The receiver is switched on when Operation Control Register bit rx_en is set. The operation
of the receiver is additionally controlled by the signal rx_on, set high when modulated signal
is expected on the receiver input. This is automatically done after every Transmit command.
Signal rx_on can be also forced high by sending direct command Unmask Receive Data.
Signal rx_on is used to control features like RSSI and AGC.
AM demodulation is performed using a peak follower. Both the positive and negative peaks
are tracked to suppress common mode signal. In case external demodulation is carried out
the peak follower stage can be bypassed by setting bit envi in Configuration Register 2. In
case of PM demodulation signal coming from the phase detector is replacing the output of
peak follower.
Next stage in signal processing is the buffer amplifier followed by second order low pass
filter with adjustable corner frequency. Final stage is a first order high pass filter with
adjustable corner frequency. The digital signal representing tag subcarrier modulation is
produced by a window comparator.
Filter setting is done automatically when ISO mode and data rate are chosen by writing ISO
Mode Definition Register. Setting is displayed in the Receiver Configuration Register and
can be changed by rewriting this register. In Transparent mode the ISO Mode Definition
Register is not used and Filter selection has to be done by writing Receiver Configuration
Register. By setting the Operation Control Register bit rx_lp receiver operates in Low power
mode. In this mode, power consumption is lower but receiver sensitivity is reduced (see
Section 3: Electrical characteristics on page 58).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com