Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 22Page - STMicroelectronics ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
Functional overview
ST25R3910
26/65
DocID029768 Rev 2
ISO-14443 reader mode and in the NFCIP mode, where the ST25R3910 is the initiator. In
case of NFC target mode this sequence is started by receiving the interrogator request.
After the interrupt caused by the first initiator request command Unmask Receive Data is
sent to force the ST25R3910 in receive mode.
The commands Mask Receive Data and Unmask Receive Data are only accepted when the
receiver is enabled (bit rx_en is set).
AD Convert
A/D conversion of signal on AD_IN pin is performed; result is stored in A/D Output Register
(see Section 1.1.4 on page 8).
Duration time: 42 μs max.
This command is accepted in any mode where the oscillator and regulators are running.
Measure RF
This command measures the amplitude on the RFI inputs and stores result in the A/D
Output Register (see also Section 1.1.4 on page 8 and Section 1.1.3 on page 8).
When this command is executed the output of the Amplitude detector is multiplexed to the
A/D converter input (the A/D converter is in absolute mode). The Amplitude Detector
conversion gain is 0.6 Vinpp/Vout. One LSB of the A/D converter output represents
13.02 mVpp on the RFI inputs, a 3 Vpp signal (the maximum allowed level on each of the two
RFI inputs) results in 1.8 V output DC voltage and produces the value 1110 0110 on the A/D
converter output.
Duration time: 42 μs max.
This command is accepted in any mode where the oscillator and regulators are running.
Squelch
This direct command is intended to avoid demodulation problems of tags that produce a lot
of noise during data processing. It can also be used in a noisy environment. The operation
of this command is explained in Squelch.
Duration time: 500 μs max.
This command is only accepted when the transmitter and the receiver are operating.
Clear Squelch
Clears the gain reduction that was set by sending Squelch command.
This command is accepted in any mode.
Adjust Regulators
When this command is sent the power supply level of VDD is measured in maximum load
conditions and the regulated voltage reference is set 250 mV below this measured level to
ensure maximum possible stable regulated supply (see Section 1.2.8: Power supply,
Regulators). The use of this command increases the system PSSR.
At the beginning of execution of the command, both the receiver and transmitter are
switched on to have the maximum current consumption, and the regulators are set to their
maximum regulated voltage (5.1 V in case of 5 V supply and 3.4 V in case of 3.3 V supply).
After 300 μs VSP_RF is compared to VDD, if is not at least 250 mV lower the regulator setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com