Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics ST25R3910 Datasheet HTML 14Page - STMicroelectronics ST25R3910 Datasheet HTML 15Page - STMicroelectronics ST25R3910 Datasheet HTML 16Page - STMicroelectronics ST25R3910 Datasheet HTML 17Page - STMicroelectronics ST25R3910 Datasheet HTML 18Page - STMicroelectronics ST25R3910 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
DocID029768 Rev 2
15/65
ST25R3910
Functional overview
35
If the antenna LC tank is detuned, phase shift changes, resulting in a different phase
detector output voltage. In case of command Check Antenna Resonance phase detector
output is applied to A/ D converter in relative mode. Output of phase detector is also
observed by comparator with reference signal VSP/2. Output of this comparator is used in
execution of direct command Calibrate Antenna.
The phase detector has low pass characteristics in case of PM demodulation. This is to
enable phase demodulation of the 848 kHz subcarrier signal. The output is then fed to the
Receiver.
Amplitude detector
Signals from pins RFI1 and RFI2 are used as inputs to the self-mixing stage. The output of
this stage is a DC voltage proportional to amplitude of signal on pins RFI1 and RFI2. This
signal is fed to the A/D converter when amplitude of signal on RFI inputs has to be
measured (direct commands Measure RF and Calibrate Modulation Depth).
1.2.6
External field detector
The External Field Detector is used in NFC mode to detect the presence of an RF field. It is
composed of two sub-blocks, Target Activation Detector and a RF Collision Avoidance
Detector. Input to both blocks is the signal from the RFI1 pad. The thresholds of the two
blocks can be independently set by writing the NFCIP Field Detection Threshold Register.
The outputs of both detectors are fed to a logic OR gate, whose output is fed to the Control
logic. A low to high transition of this logic or gate output triggers an interrupt (Interrupt due to
NFC event).
Target Activation Detector
This block is turned on in NFC target mode to detect the presence of an interrogator field. It
is enabled by setting the Operation Control Register bit nfc_t. It is a low power block with an
adjustable threshold in the range from 145mVpp and 590mVpp. This block generates an
interrupt when an external field is detected and also when it disappears. With such
implementation it can also be used to detect the moment when the external field disappears.
This is useful to detect the moment when external NFC device (it can either an interrogator
or a target) has stopped emitting an RF field since a response can only be sent afterwards.
Actual state of the Target Activation Detector can be checked by reading the bit rfp in the
Receiver State Display Register. When this bit is set to logic one, there is a signal higher
than the threshold present on the input of Target Activation Detector.
RF Collision Avoidance Detector
This block is activated during the RF Collision Avoidance sequence which is executed
before every request or response in NFC active communication (Initial or Response RF
Collision Avoidance). In case during the RF Collision Avoidance sequence the presence of
an external field is detected, request/response is not sent, an interrupt is generated to
inform the external controller about collision. During RF Collision Avoidance, the Target
Activation Detector is disabled in order to have the correct threshold when detection is
made. The threshold of the RF Collision Avoidance Detector can be adjusted in the range
from 50 to 1080 mVpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com