Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics ST25R3910 Datasheet HTML 33Page - STMicroelectronics ST25R3910 Datasheet HTML 34Page - STMicroelectronics ST25R3910 Datasheet HTML 35Page - STMicroelectronics ST25R3910 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 65 page
background image
Functional overview
ST25R3910
32/65
DocID029768 Rev 2
AM modulation depth definition using the Antenna Driver AM Modulated
Level Definition Register
When bit 7 (am_s) of the Modulation Depth Definition Register is set to 1 the AM modulated
level is controlled by writing the Antenna Driver Non-Modulated Level Definition Register. If
the setting of the modulated level is already known it is not necessary to run the calibration
procedure, the modulated level can be defined just by writing this register.
It is also possible to implement calibration procedure through an external controller using
the Antenna Driver Non-Modulated Level Definition Register and the direct command
Measure RF.
The procedure is the following:
1.
Write the non-modulated level in the Antenna Driver Non-Modulated Level Definition
Register (usually it is all 0 to have the lower possible output resistance).
2.
Switch on the transmitter.
3.
After the setting time, send the direct command Measure RF. Read result from the A/D
Output Register.
4.
Calculate the target modulated level from the target modulation index and result of the
previous point.
5.
In the following iterations content of the Antenna Driver Non-Modulated Level Definition
Register is modified, the command Measure RF executed and the result compared with
the target modulated level as long as the result is not equal (or as close as possible) to
the target modulated level.
6.
At the end the content of the Antenna Driver Non-Modulated Level Definition Register
that results in the target modulated level is written in the Antenna Driver AM Modulated
Level Definition Register while the Antenna Driver Non-Modulated Level Definition
Register is restored with the non-modulated definition value.
1.2.15
Antenna tuning
The ST25R3910 integrates the blocks needed to check and to adjust the antenna LC tank
resonance frequency.
The key block in the resonance frequency checking and adjustment is the Phase detector,
which measures the phase shift between the Transmitter output signals (RFO1 and RFO2)
and the inputs RFI1 and RFI2 (proportional to the voltage on the antenna LC tank). In case
of perfect tuning there is a 90º phase shift between them.
Check Antenna Resonance
In case of the perfect 90º phase shift mentioned above, the Phase Detector output results in
VSP/2 output voltage. A phase shift of 1% of the carrier frequency period (3.6º) results in the
output voltage change of 2% of VSP (1% phase shift results in 60mV change at VSP = 3 V).
During execution of the direct command Check Antenna Resonance the Phase Detector
output is multiplexed on the input of A/ D converter which is set in relative mode. 1 LSB of
the A/D conversion output represents 0.13% of carrier frequency period (0.468º). The result
of A/D conversion is in case of the perfect tuning exactly in the middle of range (1000 0000
or 0111 1111).
Values higher than 1000 0000 mean that phase detector output voltage is higher than
VSP/2, which correspond to resonance frequency higher than target 13.56 MHz. In the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com