Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3910 Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 43Page - STMicroelectronics ST25R3910 Datasheet HTML 44Page - STMicroelectronics ST25R3910 Datasheet HTML 45Page - STMicroelectronics ST25R3910 Datasheet HTML 46Page - STMicroelectronics ST25R3910 Datasheet HTML 47Page - STMicroelectronics ST25R3910 Datasheet HTML 48Page - STMicroelectronics ST25R3910 Datasheet HTML 49Page - STMicroelectronics ST25R3910 Datasheet HTML 50Page - STMicroelectronics ST25R3910 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 65 page
background image
DocID029768 Rev 2
47/65
ST25R3910
55
1.3.14
A/D Output Register
Address: 0Dh
Type: R
1.3.15
Antenna Calibration Register
Address: 0Eh
Type: R
Table 21. A/D Output Register(1)
Bit
Name
Default
Function
Comments
7ad7
-
Displays result of A/D conversion
-
6ad6
-
5ad5
-
4ad4
-
3ad3
-
2ad2
-
1ad1
-
0ad0
-
1. At power-up and after Set Default command content of this register is set to 0.
Table 22. Antenna Calibration Register(1)
Bit
Name
Default
Function
Comments
7tri_3
-
MSB
This register stores result of Calibrate Antenna
command. LC trim switches are defined by data
written in this register in case trim_s = 0. A bit set
to 1 indicates that the corresponding transistor
on TRIM1_x and TRIM2_x pin is switched on.
6tri_2
-
-
5tri_1
-
-
4tri_0
-
LSB
3
tri_err
-
1: Antenna calibration error
Set when Calibrate Antenna sequence has not
been able to adjust resonance
2-
-
Not used
-
1-
-
0-
-
1. At power-up and after Set Default command content of this register is set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com