Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 61Page - STMicroelectronics ST25R3911B Datasheet HTML 62Page - STMicroelectronics ST25R3911B Datasheet HTML 63Page - STMicroelectronics ST25R3911B Datasheet HTML 64Page - STMicroelectronics ST25R3911B Datasheet HTML 65Page - STMicroelectronics ST25R3911B Datasheet HTML 66Page - STMicroelectronics ST25R3911B Datasheet HTML 67Page - STMicroelectronics ST25R3911B Datasheet HTML 68Page - STMicroelectronics ST25R3911B Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 129 page
background image
DocID029656 Rev 2
65/129
ST25R3911B
Functional overview
71
Execution of direct command Calibrate Modulation Depth
The modulation level is adjusted by increasing the RFO1 and RFO2 driver output
resistance. The RFO drivers are composed of 8 binary weighted segments. Usually all these
segments are turned on to define the normal, non-modulated level, there is also a possibility
to increase the output resistance of the non-modulated state by writing the RFO Normal
Level Definition Register.
Before sending the direct command Calibrate Modulation Depth the oscillator and
regulators have to be turned on. When the direct command Calibrate Modulation Depth is
sent the following procedure is executed:
1.
The transmitter is turned on, non-modulated level is established.
2.
The amplitude of the non-modulated carrier level established on the inputs RFI1 and
RFI2 is measured by the A/D converter and stored in the A/D Converter Output
Register.
3.
Based on the measurement of the non-modulated level and the target modulated level
defined by the bits mod5 to mod0 the target modulated level is calculated.
4.
The output driver strength is adjusted using a successive approximation algorithm until
the field strength is as close as possible to the calculated target modulated level.
5.
The result of the output driver strength adjustment is copied in the AM Modulation
Depth Display Register. Content of this register is used to define the AM modulated
level.
Note:
After the calibration procedure is finished, the content of the RFO Normal Level Definition
Register should not be changed. Modifications of the content of this register will change the
non-modulated amplitude and therefore the ratio between the modulated and non-
modulated level.
Note:
In case the calibration of antenna resonant frequency in used, the command Calibrate
Antenna has to be run before AM modulation depth adjustment.
AM modulation depth definition using the RFO AM Modulated Level Definition
Register
When bit 7 (am_s) of the AM Modulation Depth Control Register is set to 1 the AM
modulated level is controlled by writing the RFO Normal Level Definition Register. If the
setting of the modulated level is already known it is not necessary to run the calibration
procedure, the modulated level can be defined just by writing this register.
It is also possible to implement calibration procedure through an external controller using
the RFO Normal Level Definition Register and the direct command Measure Amplitude. This
procedure has to be used when the target modulation depth is deeper than 33%.
The procedure is the following:
1.
Write the non-modulated level in the RFO Normal Level Definition Register (usually it is
all 0 to have the lower possible output resistance).
2.
Switch on the transmitter.
3.
Send the direct command Measure Amplitude. Read result from the A/D Converter
Output Register.
4.
Calculate the target modulated level from the target modulation index and result of the
previous point.
5.
In the following iterations content of the RFO Normal Level Definition Register is
modified, the command Measure Amplitude executed and the result compared with the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com