Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 77 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 77 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 73Page - STMicroelectronics ST25R3911B Datasheet HTML 74Page - STMicroelectronics ST25R3911B Datasheet HTML 75Page - STMicroelectronics ST25R3911B Datasheet HTML 76Page - STMicroelectronics ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics ST25R3911B Datasheet HTML 79Page - STMicroelectronics ST25R3911B Datasheet HTML 80Page - STMicroelectronics ST25R3911B Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 129 page
background image
DocID029656 Rev 2
77/129
ST25R3911B
116
1.3.3
Operation Control Register
Address: 02h
Type: RW
Table 20. Operation Control Register(1)
Bit
Name
Default
Function
Comments
7en
0
1: Enables oscillator and regulator
(Ready mode)
-
6
rx_en
0
1: Enables Rx operation
-
5
rx_chn
0
0: Both, AM and PM, channels
enabled
1: One channel enabled
In case only one Rx channel is enabled,
selection is done by the Receiver Configuration
Register 1 bit ch_sel
4rx_man
0
0: Automatic channel selection
1: Manual channel selection
In case both Rx channels are enabled, it
chooses the method of channel selection,
manual selection is done by the Receiver
Configuration Register 1 bit ch_sel
3
tx_en
0
1: Enables Tx operation
This bit is automatically set by NFC Field ON
commands and reset in NFC active
communication modes after transmission is
finished
2
wu
0
1: Enables Wake-up mode
According to settings in Wake-Up Timer Control
Register
1-
-
Not used
-
0-
-
-
1. Default setting takes place at power-up only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com