Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 37Page - STMicroelectronics ST25R3911B Datasheet HTML 38Page - STMicroelectronics ST25R3911B Datasheet HTML 39Page - STMicroelectronics ST25R3911B Datasheet HTML 40Page - STMicroelectronics ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 129 page
background image
DocID029656 Rev 2
41/129
ST25R3911B
Functional overview
71
1.2.13
Direct commands
Table 9. Direct commands
Command
code (hex)
Command
Comments
Command
chaining
Interrupt
after
Termination
Operation
mode(1)
C1
Set Default
Puts the ST25R3911B in default
state (same as after power-up)
No
No
all
C2, C3
Clear
Stops all activities and clears
FIFO
Yes
No
en
C4
Transmit With CRC
Starts a transmit sequence using
automatic CRC generation
Yes
No
en, tx_en
C5
Transmit With CRC
Starts a transmit sequence
without automatic CRC
generation
Yes
No
en, tx_en
C6
Transmit REQA
Transmits REQA command
(ISO14443A mode only)
Yes
No
en, tx_en
C7
Transmit WUPA
Transmits WUPA command
(ISO14443A mode only)
Yes
No
en, tx_en
C8
NFC Initial Field ON
Performs Initial RF Collision
avoidance and switch on the field
Yes
Yes
en(2)
C9
NFC Response Field
ON
Performs Response RF Collision
avoidance and switch on the field
Yes
Yes
en(2)
CA
NFC Response Field
ON with n=0
Performs Response RF Collision
avoidance with n=0 and switch on
the field
Yes
Yes
en(2)
CB
Go to Normal NFC
Mode
Accepted in NFCIP-1 active
communication bit rate detection
mode
Yes
No
-
CC
Analog Preset
Presets Rx and Tx configuration
based on state of Mode Definition
Register and Bit Rate Definition
Register
Yes
No
all
D0
Mask Receive Data
Receive after this command is
ignored
Yes
No
en, rx_en
D1
Unmask Receive Data
Receive data following this
command is normally processed
(this command has priority over
internal Mask Receive timer)
Yes
No
en, rx_en
D2
-
Not used
--
-
D3
Measure Amplitude
Amplitude of signal present on RFI
inputs is measured, result is stored
in A/D Converter Output Register
No
Yes
en
D4
Squelch
Performs gain reduction based on
the current noise level
No
No
en, rx_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com