Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics ST25R3911B Datasheet HTML 30Page - STMicroelectronics ST25R3911B Datasheet HTML 31Page - STMicroelectronics ST25R3911B Datasheet HTML 32Page - STMicroelectronics ST25R3911B Datasheet HTML 33Page - STMicroelectronics ST25R3911B Datasheet HTML 34Page - STMicroelectronics ST25R3911B Datasheet HTML 35Page - STMicroelectronics ST25R3911B Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 129 page
background image
Functional overview
ST25R3911B
32/129
DocID029656 Rev 2
Measurement of supply voltages
Using direct command Measure Power Supply it is possible to measure VDD and regulated
voltages VSP_A, VSP_D, and VSP_RF.
1.2.12
Communication with an external microcontroller
The ST25R3911B is a slave device and the external microcontroller initiates all
communication. Communication is performed by a 4-wire Serial Peripheral Interface (SPI).
The ST25R3911B sends an interrupt request (pin IRQ) to the microcontroller, which can use
clock signal available on pin MCU_CLK when the oscillator is running.
Serial Peripheral Interface (SPI)
While signal /SS is high the SPI interface is in reset, while it is low the SPI is enabled. It is
recommended to keep /SS high whenever the SPI is not in use. MOSI is sampled at the
falling edge of SCLK. All communication is done in blocks of 8 bits (bytes). First two bits of
first byte transmitted after high to low transition of /SS define SPI operation mode.
MSB bit is always transmitted first (valid for address and data).
Read and Write modes support address auto-incrementing. This means that if some
additional data bytes are sent/read after the address and first data byte, they are written
to/read from addresses incremented by ‘1’. Figure 9 defines possible modes.
Figure 9. Exchange of signals with microcontroller
Table 5. Serial data interface (4-wire interface) signal lines
Name
Signal
Signal level
Description
/SS
Digital input
CMOS
SPI Enable (active low)
MOSI
Digital input
Serial data input
MISO
Digital output with tristate
Serial data output
SCLK
Digital input
Clock for serial communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com