Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 92Page - STMicroelectronics ST25R3911B Datasheet HTML 93Page - STMicroelectronics ST25R3911B Datasheet HTML 94Page - STMicroelectronics ST25R3911B Datasheet HTML 95Page - STMicroelectronics ST25R3911B Datasheet HTML 96Page - STMicroelectronics ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics ST25R3911B Datasheet HTML 99Page - STMicroelectronics ST25R3911B Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 129 page
background image
ST25R3911B
96/129
DocID029656 Rev 2
1.3.27
FIFO Status Register 1
Address: 1Ah
Type: R
1.3.28
FIFO Status Register 2
Address: 1Bh
Type: R
Table 52. FIFO Status Register 1(1)
Bit
Name
Default
Function
Comments
7-
-
-
-
6
fifo_b6
-
Number of bytes (binary coded)
in the FIFO which were not read
out
Valid range is from 0 (000 0000b) to 96
(110 0000b)
5
fifo_b5
-
4
fifo_b4
-
3
fifo_b3
-
2
fifo_b2
-
1
fifo_b1
-
0
fifo_b0
-
1. At power-up and after Set Default command content of this register is set to 0.
Table 53. FIFO Status Register 2(1)(2)
Bit
Name
Default
Function
Comments
7-
-
-
-
6
fifo_unf
-
1: FIFO underflow
Set when more bytes then actual content of FIFO
were read
5
fifo_ovr
-
1: FIFO overflow
-
4
fifo_ncp
-
1: Last FIFO byte is not
complete
-
3fifo_lb2
-
Number of bits in the last FIFO
byte if it was not complete
(fifo_ncp=1)
In case of incomplete byte the LSB part is valid
2fifo_lb1
-
1fifo_lb0
-
0np_lb
-
1: Parity bit is missing in last
byte
This is a framing error
1. At power-up and after Set Default command content of this register is set to 0.
2. If FIFO is empty, the value of register FIFO Status Register 1 (0x1Ah) is 0x00, register bits fifo_ncp, fifo_lb2, fifo_lb1 and
fifo_lb0 in register block 0x1Bh are cleared. Correct procedure for FIFO read is to read both FIFO Status Register 1 and
FIFO Status Register 2 and then read FIFO. Second register values need to be saved in MCU, if non-complete bytes are in
FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com