Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 70Page - STMicroelectronics ST25R3911B Datasheet HTML 71Page - STMicroelectronics ST25R3911B Datasheet HTML 72Page - STMicroelectronics ST25R3911B Datasheet HTML 73Page - STMicroelectronics ST25R3911B Datasheet HTML 74Page - STMicroelectronics ST25R3911B Datasheet HTML 75Page - STMicroelectronics ST25R3911B Datasheet HTML 76Page - STMicroelectronics ST25R3911B Datasheet HTML 77Page - STMicroelectronics ST25R3911B Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 129 page
background image
ST25R3911B
74/129
DocID029656 Rev 2
31
Wake-Up
Wake-Up Timer Control Register
-RW
32
Amplitude Measurement Configuration
Register
-RW
33
Amplitude Measurement Reference
Register
-RW
34
Amplitude Measurement Auto-Averaging
Display Register
-R
35
Amplitude Measurement Display Register
-R
36
Phase Measurement Configuration
Register
-RW
37
Phase Measurement Reference Register
-RW
38
Phase Measurement Auto-Averaging
Display Register
-R
39
Phase Measurement Display Register
-R
3A
Capacitance Measurement Configuration
Register
-RW
3B
Capacitance Measurement Reference
Register
-RW
3C
Capacitance Measurement Auto-Averaging
Display Register
-R
3D
Capacitance Measurement Display
Register
-R
3F
IC Identity
IC Identity Register
-R
Table 17. Registers map (continued)
Address
(hex)
Main function
Content
Comment
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com