Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics ST25R3911B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 129 page
background image
Functional overview
ST25R3911B
46/129
DocID029656 Rev 2
Mask Receive Data and Unmask Receive Data
After the direct command Mask Receive Data the signal rx_on that enables the RSSI and
AGC operation of the receiver (see Section 1.1.2: Receiver) is forced to low, processing of
the receiver output by the receive data framing block is disabled. This command is useful to
mask receiver and receive framing from processing the data when there is actually no input
and only a noise would be processed (for example in case where a transponder processing
time after receiving a command from the reader is long). Masking of receive is also possible
using Mask Receive timer. Actual masking is a logical or of the two mask receive processes.
The direct command Unmask Receive Data is enabling normal processing of the received
data (signal rx_on is set high to enable the RSSI and AGC operation), the receive data
framing block is enabled. A common use of this command is to enable again the receiver
operation after it was masked by the command Mask Receive Data. In case Mask Receive
timer is running while command Unmask Receive Data is received, reception is enabled,
Mask Receive timer is reset.
Address 09h: Table 34: Auxiliary Definition Register
5
tr_am
Tx Modulation type (depends on mode definition and Tx bit rate)
0: OOK → ISO144443A, NFCIP-1 106 kb/s (both initiator and target), NFC Forum
Type 1 Tag
1: AM → ISO144443B, FeliCa™, NFCIP-1 212 kb/s and 424 kb/s
4
en_fd
Enables External Field Detector with Peer Detection threshold
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Address 0Ah: Table 35: Receiver Configuration Register 1
7
ch_sel
0: Enables AM channel → NFCIP-1 active communication (both initiator and target)
6
amd_sel
AM demodulator select (depend on Rx bit rate)
0: Peak detector → All Rx bit rates equal or below fc/16 (848 kb/s)
1: Mixer → All VHBR Rx bit rates (fc/8 and fc/4)
5lp2
Low pass control (depends on mode definition and Rx bit rate), see Table 3:
Receiver filter selection and gain range
4lp1
3lp0
2h200
First and third stage zero setting (depends on mode definition and Rx bit rate), see
Table 3: Receiver filter selection and gain range
1
h80
0z12k
Address 0Ch: Table 37: Receiver Configuration Register 3
1lim
Clips output of 1st and 2nd stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
0
rg_nfc
Forces gain reduction in 2nd and 3rd gain stage
0: All modes except NFCIP-1 active communication
1: NFCIP-1 active communication (both initiator and target)
Table 11. Register preset bits (continued)
Bit Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com