Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 21Page - STMicroelectronics ST25R3911B Datasheet HTML 22Page - STMicroelectronics ST25R3911B Datasheet HTML 23Page - STMicroelectronics ST25R3911B Datasheet HTML 24Page - STMicroelectronics ST25R3911B Datasheet HTML 25Page - STMicroelectronics ST25R3911B Datasheet HTML 26Page - STMicroelectronics ST25R3911B Datasheet HTML 27Page - STMicroelectronics ST25R3911B Datasheet HTML 28Page - STMicroelectronics ST25R3911B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 129 page
background image
DocID029656 Rev 2
25/129
ST25R3911B
Functional overview
71
To enable a fast reader start-up an interrupt is sent when the oscillator amplitude exceeds
750 mVpp.
Division by two ensures that 13.56 MHz signal has a duty cycle of 50%, which is better for
the transmitter performance (no PW distortion). Use of 27.12 MHz crystal is therefore
recommended for better performance.
In case of 13.56 MHz crystal, the bias current of stage that is digitizing oscillator signal is
increased to assure as low PW distortion as possible.
Note:
In case of VHBR reception (bit rates fc/8 and above) it is mandatory to use the 27.12 MHz
crystal since high frequency clock is needed for receive framing.
The oscillator output is also used to drive a clock signal output pin MCU_CLK) that can be
used by the external microcontroller. The MCU_CLK pin is configured in the IO
Configuration Register 2.
1.2.7
Timers
The ST25R3911B contains several timers that eliminate the need to run counters in the
controller, thus reducing the effort of the controller code implementation and improve
portability of code to different controllers.
Every timer has one or more associated configuration registers in which the timeout
duration and different operating modes are defined. These configuration registers have to
be set while the corresponding timer is not running. Any modification of timer configuration
while the timer is active may result in unpredictable behavior.
All timers except the Wake-Up timer are stopped by direct command Clear.
Note:
In case bit nrt_emv in the General Purpose and No-Response Timer Control Register is set
to one, the No-Response timer is not stopped
Mask Receive timer and No-Response timer
Mask Receive timer and No-Response timer are both automatically started at the end of
transmission (at the end of EOF).
Mask Receive timer
The Mask Receive timer is blocking the receiver and reception process in framing logic by
keeping the rx_on signal low after the end of Tx during the time the tag reply is not
expected.
While the Mask Receive timer is running, the Squelch is automatically turned on (if
enabled). Mask Receive timer does not produce an IRQ.
The Mask Receive timer timeout is configured in the Mask Receive Timer Register.
In the NFCIP-1 active communication mode the Mask Receive timer is started when the
peer NFC device (a device with whom communication is going on) switches on its field.
The Mask Receive timer has a special use in the low power Initial NFC Target Mode. After
the initiator field has been detected the controller turns on the oscillator, regulator and
receiver. Mask Receive timer is started by sending direct command Start Mask Receive
Timer. After the Mask Receive Timer expires the receiver output starts to be observed to
detect start of the initiator message. In this mode the Mask Receive timer clock is
additionally divided by eight it (one count is 512/fc) to cover range up to about 9.6 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com