Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3911B Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST25R3911B
Description  Automatic antenna tuning system providing tuning of antenna LC tank
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 41Page - STMicroelectronics ST25R3911B Datasheet HTML 42Page - STMicroelectronics ST25R3911B Datasheet HTML 43Page - STMicroelectronics ST25R3911B Datasheet HTML 44Page - STMicroelectronics ST25R3911B Datasheet HTML 45Page - STMicroelectronics ST25R3911B Datasheet HTML 46Page - STMicroelectronics ST25R3911B Datasheet HTML 47Page - STMicroelectronics ST25R3911B Datasheet HTML 48Page - STMicroelectronics ST25R3911B Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 129 page
background image
DocID029656 Rev 2
45/129
ST25R3911B
Functional overview
71
Figure 20. Direct command NFC Response Field ON
Go to Normal NFC Mode
This command is used to transition from NFC target bit rate detection mode to normal
mode. Additionally it copies the content of the NFCIP Bit Rate Detection Display Register to
the Bit Rate Definition Register and correctly sets the bit tr_am in the Auxiliary Definition
Register.
Analog Preset
This command is used to preset receiver and transmitter configuration based on state of
Mode Definition Register and Bit Rate Definition Register. In case of Sub-carrier bit stream
or BPSK bit stream mode, this command should not be used. The list of configuration bits
that are preset is given in Table 11.
Table 10. Timing parameters of NFC Field ON commands
Symbol
Parameter
Value
Unit
Comments
TIDT
Initial delay time
4096
/fc
NFC Initial Field ON
TRWF
RF waiting time
512
-
TIRFG
Initial guard time
>5
ms
NFC Initial Field ON
TADT
Active delay time
768
/fc
NFC Response Field ON
TARFG
Active guard time
1024
Table 11. Register preset bits
Bit Bit name
Function
Address 02h: Table 20: Operation Control Register
5
rx_chn
1: one channel enabled → NFCIP-1 active communication (both initiator and target)
3tx_en
0: disable TX operation → NFCIP-1 active communication (both initiator and target)
Note: In case of any target mode or NFCIP-1 initiator mode bit tx_en is set to 0 to disable transmitter
in case it was enabled. In NFCIP-1 mode the switching on of the transmitter field is controlled by
dedicated commands.
Address 05h: Table 26: ISO14443A and NFC 106kb/s Settings Register
5nfc_f0
1: Adds SB (F0) and LEN byte during Tx and skip SB (F0) byte during
TX → NFCIP-1 active communication (both initiator and target)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com