Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 16 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 12Page - Texas Instruments DM505LRBABF Datasheet HTML 13Page - Texas Instruments DM505LRBABF Datasheet HTML 14Page - Texas Instruments DM505LRBABF Datasheet HTML 15Page - Texas Instruments DM505LRBABF Datasheet HTML 16Page - Texas Instruments DM505LRBABF Datasheet HTML 17Page - Texas Instruments DM505LRBABF Datasheet HTML 18Page - Texas Instruments DM505LRBABF Datasheet HTML 19Page - Texas Instruments DM505LRBABF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
16
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
F8
gpmc_ad2
gpmc_ad2
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
rgmii1_rxd0
1
I
0
gpio1_16
14
IO
sysboot2
15
I
B7
gpmc_ad3
gpmc_ad3
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
qspi1_rtclk
1
I
0
gpio1_17
14
IO
sysboot3
15
I
A6
gpmc_ad4
gpmc_ad4
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
cam_strobe
1
O
gpio1_18
14
IO
sysboot4
15
I
F7
gpmc_ad5
gpmc_ad5
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart2_txd
2
O
timer6
3
IO
spi3_d1
4
IO
0
gpio1_19
14
IO
sysboot5
mcasp2_aclkx
15
I
mcasp2_aclkx
16
IO
0
E7
gpmc_ad6
gpmc_ad6
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
uart2_rxd
2
I
1
timer5
3
IO
spi3_d0
4
IO
0
gpio1_20
14
IO
sysboot6
mcasp2_fsx
15
I
mcasp2_fsx
16
IO
0
C6
gpmc_ad7
gpmc_ad7
0
IO
OFF
OFF
15
1.8/3.3
vddshv2
Yes
Dual Voltage
LVCMOS
PU/PD
0
cam_shutter
1
O
timer4
3
IO
spi3_sclk
4
IO
0
gpio1_21
14
IO
Driver off
mcasp2_ahclkx
15
I
mcasp2_ahclkx
16
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com