Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 27 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 23Page - Texas Instruments DM505LRBABF Datasheet HTML 24Page - Texas Instruments DM505LRBABF Datasheet HTML 25Page - Texas Instruments DM505LRBABF Datasheet HTML 26Page - Texas Instruments DM505LRBABF Datasheet HTML 27Page - Texas Instruments DM505LRBABF Datasheet HTML 28Page - Texas Instruments DM505LRBABF Datasheet HTML 29Page - Texas Instruments DM505LRBABF Datasheet HTML 30Page - Texas Instruments DM505LRBABF Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 290 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
27
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
[1]
BALL NAME [2]
SIGNAL NAME [3]
MUXMODE
[4]
TYPE [5]
BALL
RESET
STATE [6]
BALL
RESET REL.
STATE [7]
BALL
RESET REL.
MUXMODE
[8]
I/O
VOLTAGE
VALUE [9]
POWER [10]
HYS [11]
BUFFER
TYPE [12]
PULL
UP/DOWN
TYPE [13]
DSIS [14]
P7, T9
vdds18v_ddr1
vdds18v_ddr1
PWR
G7
vdds18v_ddr2
vdds18v_ddr2
PWR
T16, V21
vdds18v_ddr3
vdds18v_ddr3
PWR
K2, K7, L7, M7
vddshv1
vddshv1
PWR
B8, G11, G8, G9
vddshv2
vddshv2
PWR
G14
vddshv3
vddshv3
PWR
A18, E20
vddshv4
vddshv4
PWR
H17, J16, J21
vddshv5
vddshv5
PWR
AA16, T10, T12,
T13
vddshv6
vddshv6
PWR
AA1, AB6, R1, T7,
T8
vdds_ddr1
vdds_ddr1
PWR
C2, E2, G6
vdds_ddr2
vdds_ddr2
PWR
AA22, AB19, T15
vdds_ddr3
vdds_ddr3
PWR
K8, L8, M9, P11,
P12, P8, P9
vdd_dspeve
vdd_dspeve
PWR
F22
vin1a_clk0
vin1a_clk0
0
I
PD
PD
15
1.8/3.3
vddshv5
Yes
Dual Voltage
LVCMOS
PU/PD
0
cpi_pclk
1
I
0
clkout0
4
O
gpio1_30
14
IO
Driver off
mcasp3_aclkx
15
I
mcasp3_aclkx
16
IO
0
G18
vin1a_d0
vin1a_d0
0
I
PD
PD
15
1.8/3.3
vddshv5
Yes
Dual Voltage
LVCMOS
PU/PD
0
cpi_data2
1
I
0
gpio2_3
14
IO
Driver off
mcasp3_axr1
15
I
mcasp3_axr1
16
IO
0
G21
vin1a_d1
vin1a_d1
0
I
PD
PD
15
1.8/3.3
vddshv5
Yes
Dual Voltage
LVCMOS
PU/PD
0
cpi_data3
1
I
0
gpio2_4
14
IO
Driver off
mcasp3_axr2
15
I
mcasp3_axr2
16
IO
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com