Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 62 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments DM505LRBABF Datasheet HTML 60Page - Texas Instruments DM505LRBABF Datasheet HTML 61Page - Texas Instruments DM505LRBABF Datasheet HTML 62Page - Texas Instruments DM505LRBABF Datasheet HTML 63Page - Texas Instruments DM505LRBABF Datasheet HTML 64Page - Texas Instruments DM505LRBABF Datasheet HTML 65Page - Texas Instruments DM505LRBABF Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 290 page
background image
62
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-24. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
F14, F15
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
H19
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input. Functions as the input
connection to a crystal when the internal oscillator OSC0 is used. Functions as an
LVCMOS-compatible input clock when an external oscillator is used.
I
E22
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input. Functions as the
input connection to a crystal when the internal oscillator OSC1 is used. Functions as
an LVCMOS-compatible input clock when an external oscillator is used
I
B21
xo_osc0
System Oscillator OSC0 Crystal output
O
D22
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
C21
4.3.22.3 Enhanced Direct Memory Access (EDMA)
NOTE
For more information, see the DMA Controllers / Enhanced DMA section of the device TRM.
Table 4-25. EDMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
Enhanced DMA Event Input 1
I
C12, K17
dma_evt2
Enhanced DMA Event Input 2
I
D12, K19
dma_evt3
Enhanced DMA Event Input 3
I
E12
dma_evt4
Enhanced DMA Event Input 4
I
F12, D8
4.3.22.4 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers section of the device TRM.
Table 4-26. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin
Non maskable interrupt input - active-low. This pin can be optionally routed to the
DSP NMI input or as generic input to the ARM cores.
I
G5
sys_nirq1
External interrupt event to any device INTC
I
K18, K22
sys_nirq2
External interrupt event to any device INTC
I
J17, K21
4.3.23 Power Supplies
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-27. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd
Core voltage domain supply
PWR
H7 , H12 , H13 , J10 ,
J11 , J15 , K12 , L12 ,
L15 , N12 , N16 ,
P10 , P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com