Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 56 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 52Page - Texas Instruments DM505LRBABF Datasheet HTML 53Page - Texas Instruments DM505LRBABF Datasheet HTML 54Page - Texas Instruments DM505LRBABF Datasheet HTML 55Page - Texas Instruments DM505LRBABF Datasheet HTML 56Page - Texas Instruments DM505LRBABF Datasheet HTML 57Page - Texas Instruments DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments DM505LRBABF Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 290 page
background image
56
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-18. GMAC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii1_txctl
RGMII1 Transmit Enable
O
D12
rgmii1_txd0
RGMII1 Transmit Data
O
B10
rgmii1_txd1
RGMII1 Transmit Data
O
A10
rgmii1_txd2
RGMII1 Transmit Data
O
F12
rgmii1_txd3
RGMII1 Transmit Data
O
E12
mdio_d
Management Data
IO
B17
mdio_mclk
Management Data Serial Clock
O
B19
4.3.18 SDIO Controller
NOTE
For more information, see the SDIO Controller section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-76.
Table 4-19. SDIO Controller Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc_clk
MMC1 clock
IO
B18, C16, W16
mmc_cmd
MMC1 command
IO
C17, C18, V16
mmc_dat0
MMC1 data bit 0
IO
A19, E16, U15
mmc_dat1
MMC1 data bit 1
IO
B20, D16, V15
mmc_dat2
MMC1 data bit 2
IO
C20, E17, Y15
mmc_dat3
MMC1 data bit 3
IO
A20, F17, W15
4.3.19 GPIO
NOTE
For more information, see the General-Purpose Interface section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-77.
Table 4-20. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
GPIO 1
gpio1_0
General-Purpose Input/Output
IO
C12
gpio1_1
General-Purpose Input/Output
IO
D12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com