Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 46 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 42Page - Texas Instruments DM505LRBABF Datasheet HTML 43Page - Texas Instruments DM505LRBABF Datasheet HTML 44Page - Texas Instruments DM505LRBABF Datasheet HTML 45Page - Texas Instruments DM505LRBABF Datasheet HTML 46Page - Texas Instruments DM505LRBABF Datasheet HTML 47Page - Texas Instruments DM505LRBABF Datasheet HTML 48Page - Texas Instruments DM505LRBABF Datasheet HTML 49Page - Texas Instruments DM505LRBABF Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 290 page
background image
46
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.7
CSI2
NOTE
For more information, see the Imaging Subsystem of the device TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-32.
Table 4-8. CSI 2 Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
csi2_0_dx0
Serial Differential data/clock positive input - lane 0 (position 1)
I
A11
csi2_0_dy0
Serial Differential data/clock negative input - lane 0 (position 1)
I
B11
csi2_0_dx1
Serial Differential data/clock positive input - lane 1 (position 2)
I
A12
csi2_0_dy1
Serial Differential data/clock negative input - lane 1 (position 2)
I
B12
csi2_0_dx2
Serial Differential data/clock positive input - lane 2 (position 3)
I
A13
csi2_0_dy2
Serial Differential data/clock negative input - lane 2 (position 3)
I
B13
csi2_0_dx3
Serial Differential data/clock positive input - lane 3 (position 4)
I
A15
csi2_0_dy3
Serial Differential data/clock negative input - lane 3 (position 4)
I
B15
csi2_0_dx4
Serial Differential data positive input only - lane 4 (position 5) (1)
I
A16
csi2_0_dy4
Serial Differential data negative input only - lane 4 (position 5) (1)
I
B16
(1) Lane 4 (position 5) supports only data. For more information see Imaging Subsystem of the device TRM.
4.3.8
EMIF
NOTE
For more information, see the Memory Subsystem / EMIF Controller section of the device
TRM.
NOTE
The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Table 4-9,
EMIF Signal Descriptions, column "SIGNAL NAME" is not to be confused with DDR1 type of
SDRAM memories.
Table 4-9. EMIF Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
ddr1_cke0
EMIF1 Clock Enable 0
O
F3
ddr1_nck
EMIF1 Negative Clock
O
G2
ddr1_odt0
EMIF1 On-Die Termination for Chip Select 0
O
P2
ddr1_rasn
EMIF1 Row Address Strobe; When LPDDR2 is used this signal functions as to
ddr1_ca0
O
F1
ddr1_rst
EMIF1 Reset output
O
N1
ddr1_wen
EMIF1 Write Enable; When LPDDR2 is used this signal functions as ddr1_ca2
O
E3
ddr1_csn0
EMIF1 Chip Select 0
O
B2
ddr1_ck
EMIF1 Clock
O
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com