Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 84 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 80Page - Texas Instruments DM505LRBABF Datasheet HTML 81Page - Texas Instruments DM505LRBABF Datasheet HTML 82Page - Texas Instruments DM505LRBABF Datasheet HTML 83Page - Texas Instruments DM505LRBABF Datasheet HTML 84Page - Texas Instruments DM505LRBABF Datasheet HTML 85Page - Texas Instruments DM505LRBABF Datasheet HTML 86Page - Texas Instruments DM505LRBABF Datasheet HTML 87Page - Texas Instruments DM505LRBABF Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 290 page
background image
84
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
GMAC_SW
CPTS_RFT_CLK
Func
266
GMAC_RFT_CLK
L3_ICLK
DPLL_CORE
SYS_CLK1
OSC0
MAIN_CLK
Int
125
GMAC_MAIN_CLK GMAC_250M_CLK
DPLL_GMAC
MHZ_250_CLK
Func
250
GMII_250MHZ_CL
K
GMII_250MHZ_CL
K
DPLL_GMAC
MHZ_5_CLK
Func
5
RGMII_5MHZ_CLK RGMII_5MHZ_CLK
RMII_CLK
MHZ_50_CLK
Func
50
RMII_50MHZ_CLK
GMAC_RMII_HS_
CLK
DPLL_GMAC
GPIO1
GPIO1_ICLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
GPIO1_DBCLK
Func
0.032
WKUPAON_SYS_
GFCLK
WKUPAON_32K_
GFCLK
OSC0
GPIO2
GPIO2_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO2_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPIO3
GPIO3_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO3_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPIO4
GPIO4_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
GPIO4_DBCLK
Func
0.032
GPIO_GFCLK
FUNC_32K_CLK
OSC0
GPMC
GPMC_ICLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
I2C1
I2C1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C1_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
I2C2
I2C2_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
I2C2_FCLK
Func
96
PER_96M_GFCLK
FUNC_192M_CLK
DPLL_PER
IEEE1500_2_OC
P
PI_L3CLK
Int & Func
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
IPU1
IPU1_GFCLK
Int & Func
IPU_CLK
IPU1_GFCLK
SYS_CLK1
OSC0
CORE_IPU_ISS_B
OOST_CLK
DPLL_CORE
L3_INSTR
L3_CLK
Int
L3_CLK
L3INSTR_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
L4_CFG
L4_CFG_CLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER1
L4_PER1_CLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER2
L4_PER2_CLK
Int
133
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
L4_PER3
L4_PER3_CLK
Int
133
L4PER3_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
L4_WKUP
L4_WKUP_CLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
MAILBOX1
MAILBOX1_FLCK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX2
MAILBOX2_FLCK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com