Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 87 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 83Page - Texas Instruments DM505LRBABF Datasheet HTML 84Page - Texas Instruments DM505LRBABF Datasheet HTML 85Page - Texas Instruments DM505LRBABF Datasheet HTML 86Page - Texas Instruments DM505LRBABF Datasheet HTML 87Page - Texas Instruments DM505LRBABF Datasheet HTML 88Page - Texas Instruments DM505LRBABF Datasheet HTML 89Page - Texas Instruments DM505LRBABF Datasheet HTML 90Page - Texas Instruments DM505LRBABF Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 290 page
background image
87
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
MCASP3
MCASP3_AHCLK
R
Func
100
MCASP7_AHCLK
R
ABE_24M_GFCLK
DPLL_DDR
ABE_SYS_CLK
SYS_CLK1
FUNC_24M_GFCL
K
DPLL_PER
SYS_CLK1
OSC0
ATL_CLK0
Module ATL
ATL_CLK1
Module ATL
ATL_CLK2
Module ATL
ATL_CLK3
Module ATL
SYS_CLK2
OSC1
XREF_CLK0
REF_CLKIN0
XREF_CLK1
REF_CLKIN1
XREF_CLK2
REF_CLKIN2
MCASP3_AHCLKX
Func
100
MCASP5_AHCLKX ABE_24M_GFCLK
DPLL_DDR
ABE_SYS_CLK
SYS_CLK1
FUNC_24M_GFCL
K
DPLL_PER
SYS_CLK1
OSC0
ATL_CLK0
Module ATL
ATL_CLK1
Module ATL
ATL_CLK2
Module ATL
ATL_CLK3
Module ATL
SYS_CLK2
OSC1
XREF_CLK0
REF_CLKIN0
XREF_CLK1
REF_CLKIN1
XREF_CLK2
REF_CLKIN2
MCASP3_FCLK
Func
10
MCASP5_AUX_GF
CLK
L4_ICLK
DPLL_CORE
SYS_CLK1
OSC0
MCASP3_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
McSPI1
SPI1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI1_FCLK
Func
48
PER_48M_GFCLK
FUNC_192M_CLK
DPLL_PER
McSPI2
SPI1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI1_FCLK
Func
48
PER_48M_GFCLK
FUNC_192M_CLK
DPLL_PER
McSPI3
SPI1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI1_FCLK
Func
48
PER_48M_GFCLK
FUNC_192M_CLK
DPLL_PER
McSPI4
SPI1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
SPI1_FCLK
Func
48
PER_48M_GFCLK
FUNC_192M_CLK
DPLL_PER
MMC1
MMC1_CLK_32K
Func
0.032
L3INIT_32K_GFCL
K
FUNC_32K_CLK
OSC0
MMC1_FCLK
Func
192
MMC1_GFCLK
FUNC_192M_CLK
DPLL_PER
128
FUNC_128M_CLK
DPLL_PER
MMC1_ICLK1
Int
266
L3INIT_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MMC1_ICLK2
Int
266
L3INIT_L4_GICLK
CORE_X2_CLK
DPLL_CORE
MMU_EDMA
MMU1_CLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com