Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 59 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 55Page - Texas Instruments DM505LRBABF Datasheet HTML 56Page - Texas Instruments DM505LRBABF Datasheet HTML 57Page - Texas Instruments DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments DM505LRBABF Datasheet HTML 60Page - Texas Instruments DM505LRBABF Datasheet HTML 61Page - Texas Instruments DM505LRBABF Datasheet HTML 62Page - Texas Instruments DM505LRBABF Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 290 page
background image
59
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-20. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio3_30
General-Purpose Input/Output
IO
A20
gpio3_31
General-Purpose Input/Output
IO
M1
GPIO 4
gpio4_0
General-Purpose Input/Output
IO
M2
gpio4_1
General-Purpose Input/Output
IO
U6
gpio4_2
General-Purpose Input/Output
IO
T5
gpio4_3
General-Purpose Input/Output
IO
R6
gpio4_4
General-Purpose Input/Output
IO
R5
gpio4_5
General-Purpose Input/Output
IO
L1
gpio4_6
General-Purpose Input/Output
IO
N4
gpio4_7
General-Purpose Input/Output
IO
R7
gpio4_8
General-Purpose Input/Output
IO
L2
gpio4_9
General-Purpose Input/Output
IO
N5
gpio4_10
General-Purpose Input/Output
IO
N6
gpio4_11
General-Purpose Input/Output
IO
W7
gpio4_12
General-Purpose Input/Output
IO
W6
gpio4_13
General-Purpose Input/Output
IO
F13
gpio4_14
General-Purpose Input/Output
IO
E14
gpio4_15
General-Purpose Input/Output
IO
F14
gpio4_16
General-Purpose Input/Output
IO
C14
gpio4_17
General-Purpose Input/Output
IO
D14
gpio4_18
General-Purpose Input/Output
IO
D15
gpio4_19
General-Purpose Input/Output
IO
F15
gpio4_20
General-Purpose Input/Output
IO
F16
gpio4_21
General-Purpose Input/Output
IO
M17
gpio4_22
General-Purpose Input/Output
IO
M18
gpio4_25
General-Purpose Input/Output
IO
J1
gpio4_26
General-Purpose Input/Output
IO
J4
gpio4_27
General-Purpose Input/Output
IO
J6
gpio4_28
General-Purpose Input/Output
IO
H1
gpio4_29
General-Purpose Input/Output
IO
H2
4.3.20 ePWM
NOTE
For more information, see Pulse Width Modulation Subsystem (PWMSS) section of the
device TRM.
Table 4-21. PWM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS1
ehrpwm1A
EHRPWM1 Output A
O
D12, D14, L1
ehrpwm1B
EHRPWM1 Output B
O
D15, E12, L2
ehrpwm1_tripzone_input
EHRPWM1 Trip Zone Input
IO
F12, R5
eCAP1_in_PWM1_out
ECAP1 Capture Input / PWM Output
IO
A5, AB15, D16, F16,
N4
ehrpwm1_synci
EHRPWM1 Sync Input
I
A10, F14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com