Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 93 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 89Page - Texas Instruments DM505LRBABF Datasheet HTML 90Page - Texas Instruments DM505LRBABF Datasheet HTML 91Page - Texas Instruments DM505LRBABF Datasheet HTML 92Page - Texas Instruments DM505LRBABF Datasheet HTML 93Page - Texas Instruments DM505LRBABF Datasheet HTML 94Page - Texas Instruments DM505LRBABF Datasheet HTML 95Page - Texas Instruments DM505LRBABF Datasheet HTML 96Page - Texas Instruments DM505LRBABF Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 290 page
background image
93
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-8. IQ1833 Buffers DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
1.8-V Mode
VIH
Input high-level threshold
0.75 *
VDDS
V
VIL
Input low-level threshold
0.25 *
VDDS
V
VHYS
Input hysteresis voltage
100
mV
IIN
Input current at each I/O pin
2
11
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
3.3-V Mode
VIH
Input high-level threshold
2.0
V
VIL
Input low-level threshold
0.6
V
VHYS
Input hysteresis voltage
400
mV
IIN
Input current at each I/O pin
5
11
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
(1) VDDS in this table stands for corresponding power supply (i.e. vddshv1). For more information on the power supply name and the
corresponding ball, see Table 4-1, POWER [10] column.
Table 5-9. IHHV1833 Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: porz;
Balls ABF: G3;
1.8-V Mode
VIH
Input high-level threshold
1.2
V
VIL
Input low-level threshold
0.4
V
VHYS
Input hysteresis voltage
40
mV
IIN
Input current at each I/O pin
0.02
1
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
3.3-V Mode
VIH
Input high-level threshold
1.2
V
VIL
Input low-level threshold
0.4
V
VHYS
Input hysteresis voltage
40
mV
IIN
Input current at each I/O pin
5
8
µA
CPAD
Pad capacitance (including package capacitance)
1
pF
Table 5-10. LVCMOS Analog OSC Buffers DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
Signal Names in MUXMODE 0: xi_osc0, xo_osc0, xi_osc1, xo_osc1;
Balls ABF: E22, D22, B21, C21;
VIH
Input high-level threshold
0.65*VDDS
V
VIL
Input low-level threshold
0.35*VDDS
V
IOH
hfenable=0
1.18
mA
hfenable=1
2
mA
IOL
hfenable=0
2
mA
hfenable=1
3.2
mA
VHYS
Input hysteresis voltage
MODE-1
150
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com