Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 94 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 94 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 90Page - Texas Instruments DM505LRBABF Datasheet HTML 91Page - Texas Instruments DM505LRBABF Datasheet HTML 92Page - Texas Instruments DM505LRBABF Datasheet HTML 93Page - Texas Instruments DM505LRBABF Datasheet HTML 94Page - Texas Instruments DM505LRBABF Datasheet HTML 95Page - Texas Instruments DM505LRBABF Datasheet HTML 96Page - Texas Instruments DM505LRBABF Datasheet HTML 97Page - Texas Instruments DM505LRBABF Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 290 page
background image
94
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-10. LVCMOS Analog OSC Buffers DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
MIN
NOM
MAX
UNIT
CPAD
Capacitance connected on input and output Pad on
Board, CL1=CL2
12
24
pF
(1) VDDS in this table stands for corresponding power supply (i.e. vdda_osc). For more information on the power supply name and the
corresponding ball, see Table 4-1, POWER [10] column.
Table 5-11. LVCMOS CSI2 DC Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Signals MUXMODE0 : csi2_0_dx[4:0]; csi2_0_dy[4:0];
Bottom Balls: A11 / B11 / A12 / B12 / A13 / B13 / A15 / B15 / A16 / B16
MIPI D-PHY Mode Low-Power Receiver (LP-RX)
VIH
Input high-level voltage
880
1350
mV
VIL
Input low-level voltage
550
mV
VITH
Input high-level threshold
880
mV
VITL
Input low-level threshold
550
mV
VHYS
Input hysteresis
25
mV
MIPI D-PHY Mode Ultralow Power Receiver (ULP-RX)
VIH
Input high-level voltage
880
mV
VIL
Input low-level voltage
300
mV
VITH
Input high-level threshold
880
mV
VITL
Input low-level threshold
300
mV
VHYS
Input hysteresis
25
mV
MIPI D-PHY Mode High-Speed Receiver (HS-RX)
VIDTH
Differential input high-level threshold
70
mV
VIDTL
Differential input low-level threshold
–70
mV
VIDMAX
Maximum differential input voltage
270
mV
VIHHS
Single-ended input high voltage
460
mV
VILHS
Single-ended input low voltage
–40
mV
VCMRXDC
Differential input common-mode voltage
70
330
mV
ZID
Differential input impedance
80
100
125
Ω
(1) VITH is the voltage at which the receiver is required to detect a high state in the input signal.
(2) VITL is the voltage at which the receiver is required to detect a low state in the input signal. VITL is larger than the maximum single-ended
line high voltage during HS transmission. Therefore, both low-power (LP) receivers will detect low during HS signaling.
(3) To reduce noise sensitivity on the received signal, the LP receiver is required to incorporate a hysteresis, VHYST. VHYST is the difference
between the VITH threshold and the VITL threshold.
(4) VITL is the voltage at which the receiver is required to detect a low state in the input signal. Specification is relaxed for detecting 0 during
ultralow power (ULP) state. The LP receiver is not required to detect HS single-ended voltage as 0 in this state.
(5) Excluding possible additional RF interference of 200 mVPP beyond 450 MHz.
(6) This value includes a ground difference of 50 mV between the transmitter and the receiver, the static common-mode level tolerance and
variations below 450 MHz.
(7) This number corresponds to the VODMAX transmitter.
(8) Common mode is defined as the average voltage level of X and Y: VCMRX = (VX + VY) / 2.
(9) Common mode ripple may be due to tR or tF and transmission line impairments in the PCB.
(10) For more information regarding the pin name (or ball name) and corresponding signal name, see Table 4-8 CSI 2 Signal Descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com