Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 82 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 82 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 78Page - Texas Instruments DM505LRBABF Datasheet HTML 79Page - Texas Instruments DM505LRBABF Datasheet HTML 80Page - Texas Instruments DM505LRBABF Datasheet HTML 81Page - Texas Instruments DM505LRBABF Datasheet HTML 82Page - Texas Instruments DM505LRBABF Datasheet HTML 83Page - Texas Instruments DM505LRBABF Datasheet HTML 84Page - Texas Instruments DM505LRBABF Datasheet HTML 85Page - Texas Instruments DM505LRBABF Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 290 page
background image
82
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-4 describes the standard processor clocks speed characteristics vs OPP of the device.
Table 5-4. Supported OPP vs Max Frequency(2)
DESCRIPTION
OPP_NOM
OPP_OD
OPP_HIGH
Max Freq. (MHz)
Max Freq. (MHz)
Max Freq. (MHz)
VD_DSPEVE
DSP_CLK
500
709
745
EVE_FCLK
500
667
667
VD_CORE
CORE_IPU1_CLK
212.8
N/A
N/A
ISS
212.8
N/A
N/A
L3_CLK
266
N/A
N/A
DDR3 / DDR3L
532 (DDR-1066)
N/A
N/A
DDR2
400 (DDR-800)
N/A
N/A
LPPDR2
333 (DDR-667)
N/A
N/A
ADC
20
N/A
N/A
(1) N/A in this table stands for Not Applicable.
(2) Maximum supported frequency is limited according to the Device Speed Grade (see Table 5-1).
5.5.3
Maximum Supported Frequency
Device modules either receive their clock directly from an external clock input, directly from a PLL, or from
a PRCM. Table 5-5 lists the clock source options for each module on this device, along with the maximum
frequency that module can accept. To ensure proper module functionality, the device PLLs and dividers
must be programmed not to exceed the maximum frequencies listed in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com