Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 89 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 85Page - Texas Instruments DM505LRBABF Datasheet HTML 86Page - Texas Instruments DM505LRBABF Datasheet HTML 87Page - Texas Instruments DM505LRBABF Datasheet HTML 88Page - Texas Instruments DM505LRBABF Datasheet HTML 89Page - Texas Instruments DM505LRBABF Datasheet HTML 90Page - Texas Instruments DM505LRBABF Datasheet HTML 91Page - Texas Instruments DM505LRBABF Datasheet HTML 92Page - Texas Instruments DM505LRBABF Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 290 page
background image
89
DM505
www.ti.com
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
TIMER5
TIMER5_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER5_FCLK
Func
100
TIMER5_GFCLK
SYS_CLK1
OSC0
FUNC_32K_CLK
SYS_32K
SYS_CLK2
OSC1
XREF_CLK0
xref_clk0
XREF_CLK1
xref_clk1
CLKOUTMUX0_CL
K
CLKOUTMUX0_CL
K
TIMER6
TIMER6_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER6_FCLK
Func
100
TIMER6_GFCLK
SYS_CLK1
OSC0
FUNC_32K_CLK
OSC0
SYS_CLK2
OSC1
XREF_CLK0
xref_clk0
XREF_CLK1
xref_clk1
CLKOUTMUX0_CL
K
CLKOUTMUX0_CL
K
TIMER7
TIMER7_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER7_FCLK
Func
100
TIMER7_GFCLK
SYS_CLK1
OSC0
FUNC_32K_CLK
OSC0
SYS_CLK2
OSC1
XREF_CLK0
xref_clk0
XREF_CLK1
xref_clk1
CLKOUTMUX0_CL
K
CLKOUTMUX0_CL
K
TIMER8
TIMER8_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TIMER8_FCLK
Func
100
TIMER8_GFCLK
SYS_CLK1
OSC0
FUNC_32K_CLK
OSC0
SYS_CLK2
OSC1
XREF_CLK0
xref_clk0
XREF_CLK1
xref_clk1
CLKOUTMUX0_CL
K
CLKOUTMUX0_CL
K
TPCC
TPCC_GCLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
TPTC1
TPTC0_GCLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
TPTC2
TPTC1_GCLK
Int
266
L3MAIN1_L3_GIC
LK
CORE_X2_CLK
DPLL_CORE
UART1
UART1_FCLK
Func
48
UART1_GFCLK
FUNC_192M_CLK
DPLL_PER
UART1_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART2
UART2_FCLK
Func
48
UART2_GFCLK
FUNC_192M_CLK
DPLL_PER
UART2_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
UART3
UART3_FCLK
Func
48
UART3_GFCLK
FUNC_192M_CLK
DPLL_PER
UART3_ICLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
VIP1
L3_CLK_PROC_C
LK
Int & Func
266
VIP1_GCLK
CORE_X2_CLK
DPLL_CORE
CORE_ISS_MAIN_
CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com