Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DM505LRBABF Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # DM505LRBABF
Description  SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505LRBABF Datasheet(HTML) 102 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 98Page - Texas Instruments DM505LRBABF Datasheet HTML 99Page - Texas Instruments DM505LRBABF Datasheet HTML 100Page - Texas Instruments DM505LRBABF Datasheet HTML 101Page - Texas Instruments DM505LRBABF Datasheet HTML 102Page - Texas Instruments DM505LRBABF Datasheet HTML 103Page - Texas Instruments DM505LRBABF Datasheet HTML 104Page - Texas Instruments DM505LRBABF Datasheet HTML 105Page - Texas Instruments DM505LRBABF Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 290 page
background image
DEVICE
clkout0
To quartz (from oscillator output).
resetn
rstoutn
External Reference Clock [0:2].
For Audio and other Peripherals
xref_clk1
sysboot[15:0]
From quartz (19.2, 20 or 27 MHz)
or from CMOS square clock source (19.2, 20 or 27MHz).
Boot Mode Configuration
xi_osc1
Warm reset output.
Device reset input.
porz
Power ON Reset.
xi_osc0
xo_osc0
xo_osc1
From quartz (range from
MHz)
or from CMOS square clock source(range from
MHz).
19.2 to 32
12 to 38.4
To quartz (from oscillator output).
clkout1
clkout2
xref_clk0
Output clkout[0:2] clocks come from:
• Either the input system clock and alternate clock (xi_osc0 or xi_osc1)
• Or a CORE clock (from CORE output)
• Or a 192-MHz clock (from PER DPLL output).
SPRS91v_CLK_01_SR2.0
xref_clk2
102
DM505
SPRS976D – NOVEMBER 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Figure 5-4. Clock Interface
5.9.4.1
Input Clocks / Oscillators
•
The source of the internal system clock (SYS_CLK1) could be either:
–
A CMOS clock that enters on the xi_osc0 ball (with xo_osc0 left unconnected on the CMOS clock
case).
–
A crystal oscillator clock managed by xi_osc0 and xo_osc0.
•
The source of the internal system clock (SYS_CLK2) could be either:
–
A CMOS clock that enters on the xi_osc1 ball (with xo_osc1 left unconnected on the CMOS clock
case).
–
A crystal oscillator clock managed by xi_osc1 and xo_osc1.
SYS_CLK1 is received directly from oscillator OSC0. For more information about SYS_CLK1 see Device
TRM, Chapter: Power, Reset, and Clock Management.
5.9.4.1.1 OSC0 External Crystal
An external crystal is connected to the device pins. Figure 5-5 describes the crystal implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com