| Electronic Components Datasheet Search |
|
MPF5023AMBA0ES Datasheet(PDF) 22 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5023AMBA0ES Datasheet(HTML) 22 Page - NXP Semiconductors |
|
22 / 91 page ![]() NXP Semiconductors PF5023 Power management integrated circuit (PMIC) for high performance applications PF5023 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 15 April 2020 22 / 91 Figure 9 shows an example of the power up/down sequence when transitioning between Run and Standby modes. aaa-032745 PWRUP_l PWRDN_l Run Mode STBY Mode PWRDN Sequence from Run to STBY PWRUP Sequence from STBY to Run INTB RESETBMCU SW3 SW2 SW1 Figure 9. Power up/down sequence between run and standby The PWRUP_I interrupt is set while transitioning from standby to run, even if the sequencer is not used. This is used to indicate that the transition is complete and device is ready to perform proper operation. 14.6 Power down 14.6.1 Turn off events Turn off events may be requested by the MCU (non-PMIC fault related) or due to a critical failure of the PMIC (hard fault condition). The following are considered non-PMIC failure turn off events: 1. When OTP_PWRON_MODE = 0, the device starts a power down sequence when the PWRON pin is pulled low. 2. When OTP_PWRON_MODE = 1, the device starts a power down sequence when the PWRON pin sees a transition from high to low and remains low for longer than TRESET. 3. When bit PMIC_OFF is set to 1, the device starts a 500 µs shutdown timer. When the shutdown timer is started, the PF5023 sets the SDWN_I interrupt and asserts the INTB pin provided it is not masked. At this point, the MCU can read the interrupt and decide whether to continue with the turn off event or stop it in case it was sent by mistake. If the SDWN_I bit is cleared before the 500 µs shutdown timer is expired, the shutdown request is canceled and the shutdown timer is reset; otherwise, if the shutdown timer is expired, the PF5023 starts a power down sequence. The PMIC_OFF bit self-clears after SDWN_I flag is cleared. 4. When VIN_OVLO_EN = 1 and VIN_OVLO_SDWN = 1, and a VIN_OVLO event is present. Turn off events due to a hard fault condition: 1. If an OV, UV or ILIM condition is present long enough for the fault timer to expire. 2. In the event that an OV, UV or ILIM condition appears and clears cyclically, and the FAULT_CNT[3:0] = FAULT_MAX_CNT[3:0]. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |