| Electronic Components Datasheet Search |
|
MPF5023AMBA0ES Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5023AMBA0ES Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 91 page ![]() NXP Semiconductors PF5023 Power management integrated circuit (PMIC) for high performance applications PF5023 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 15 April 2020 10 / 91 Table 10. State machine transition definition Symbol Description Conditions 1. (STANDBY = 0 && STANDBYINV bit = 0) Transition A Standby to run 2. (STANDBY = 1 && STANDBYINV bit = 1) 1. (STANDBY = 1 && STANDBYINV bit = 0) Transition B Run to standby 2. (STANDBY = 0 && STANDBYINV bit = 1) Transition C System ON to WD reset 1. Hard WD Reset event Transition D WD reset to system ON 1. 30 µs delay passed && WD_EVENT_CNT < WD_MAX_CNT Transition E WD reset to power down (fault) 1. WD_EVENT_CNT = WD_MAX_CNT Transitory off state: device pass through LP_Off to self-test to QPU_ Off (no power up event present) 1. LPM_OFF = 1 && TBBEN = Low Power up event from LP_Off state 2. LPM_OFF = 0 && TBBEN = Low && (PWRON = 1 && OTP_PWRON_MODE = 0) && UVDET< VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 Power up event from LP_Off state 3. LPM_OFF = 0 && TBBEN = Low && (PWRON H to L && OTP_PWRON_MODE = 1 && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 Transition J LP_Off to self-test (PF5023 ASIL B only) Conditions: Transitory OFF state to go into TBB mode. Device pass through LP_Off to self-test to QPU_Off (no power up event present) 4. TBBEN = high (V1P5D) 1. Pass self-tests Transition K Self-test to QPU_Off (PF5023 ASIL B only) 2. TBBEN = high (V1P5D) Transitory OFF state: device pass through LP_Off to QPU_Off (no power up event present) 1. LPM_OFF = 1 && TBBEN = Low Power up event from LP_Off state 2. LPM_OFF = 0 && TBBEN = Low && (PWRON = 1 && OTP_PWRON_MODE = 0) && UVDET< VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD && TRIM_NOK = 0 && OTP_NOK = 0 Power up event from LP_Off state 3. LPM_OFF =0 && TBBEN = Low && (PWRON H to L && OTP_PWRON_MODE = 1) && UVDET < VIN < VIN_OVLO (or VIN_OVLO disabled) && Tj < TSD&& TRIM_NOK = 0 && OTP_NOK = 0 Transition F LP_Off to QPU_Off (PF5023 QM only) Transitory OFF state: device pass through LP_Off to QPU_Off (no power up event present) 4. TBBEN = High (V1P5D) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |