| Electronic Components Datasheet Search |
|
MPF5023AMBA0ES Datasheet(PDF) 76 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5023AMBA0ES Datasheet(HTML) 76 Page - NXP Semiconductors |
|
76 / 91 page ![]() NXP Semiconductors PF5023 Power management integrated circuit (PMIC) for high performance applications PF5023 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2020. All rights reserved. Product data sheet Rev. 1 — 15 April 2020 76 / 91 17.3 Default hardwire configuration If VDDOTP = V1P5D, the device loads the configuration from the default hardwire configuration directly into the corresponding I2C functional registers each time the registers need to be reloaded. When using the hardwire configuration, the TRIM values are still loaded from the OTP fuses. In the event of a TRIM loading failure, the corresponding fault flag is set to 1. When the hardwire configuration is used, the PF5023 does not allow TBB mode operation. When TBBEN = V1P5D, the device enters a debug mode. In this mode of operation, the device ignores the default value of the LPM_OFF bit and moves into the QPU_Off state, regardless of the result of the self-test. However, the actual result of the self-test is notified by the STEST_NOK flag. • When the self-test is successful, the STEST_NOK flag is set to 0 • When the self-test has failed, the STEST_NOK flag is set to 1 During hardwire configuration, the OTP_NOK flag is always set to 0. When any of the TRIM_NOK, OTP_NOK or STEST_NOK flags are set, any PWRUP event is ignored until the flags are cleared by writing a 0. These flags can only be written when the system is in the debug mode, (TBBEN = V1P5D). In normal operation, the TRIM_NOK, OTP_NOK and STEST_NOK flags are read only. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |