Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMBA0ES Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 44Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 45Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 46Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 47Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 48Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 49Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
46 / 91
aaa-028064
I2C
INTERFACE
2 to 3 MHz
clock
duty cycle
generator
slope
compensation
DAC
R2
R1
EA
SWxFB
TYPE II INTERNAL
COMPENSATION
VSWx
SWxLX
SWxIN
SWx
VIN
CINSWx
COSWx
LSWx
SWxPHASE
SWxILIM
SWxMODE
CONTROLLER
DRIVER
ISENSE
Z2
+
+
Figure 23. Buck regulator block diagram
The OTP_SWxDVS_RAMP bit sets the default step/time ratio for the power up ramp
during the power up/down sequence as well as the DVS slope during the system On.
The power down ramp and DVS rate during the system On of SW1 to SW3 can be
modified during the system On state by changing the SWxDVS_RAMP bit on the I2C
register map.
The DVS ramp rate between 0.4 V and 1.5 V output setting is based on the internal clock
configuration as shown in Table 36.
The ramp rate at 1.8 V output setting is 20 % faster than the values in Table 36.
Table 36. SWx ramp rates
All ramp rates are typical values.
Clock frequency tolerance = ± 6 %.
DVS_RAMP = 00
DVS_RAMP = 01
DVS_RAMP = 10
DVS_RAMP = 11
CLK_
FREQ[3:0]
Switching
regulators
frequency
(MHz)
Ramp up rate
(mV/µs)
Ramp down
rate (mV/µs)
Ramp up rate
(mV/µs)
Ramp down
rate (mV/µs)
Ramp up rate
(mV/µs)
Ramp down
rate (mV/µs)
Ramp up rate
(mV/µs)
Ramp down
rate (mV/µs)
0000
2.500
7.81
5.21
15.63
10.42
3.91
2.60
1.95
1.30
0001
2.625
8.20
5.47
16.41
10.94
4.10
2.73
2.05
1.37
0010
2.750
8.59
5.73
17.19
11.46
4.30
2.86
2.15
1.43
0011
2.875
8.98
5.99
17.97
11.98
4.49
2.99
2.25
1.50
0100
3.000
9.38
6.25
18.75
12.50
4.69
3.13
2.34
1.56
1001
2.000
6.25
4.17
12.50
8.33
3.13
2.08
1.56
1.04
1010
2.125
6.64
4.43
13.28
8.85
3.32
2.21
1.66
1.11
1011
2.250
7.03
4.69
14.06
9.38
3.52
2.34
1.76
1.17
1100
2.375
7.42
4.95
14.84
9.90
3.71
2.47
1.86
1.24
Buck regulators SWx use 8 bits to set the output voltage.
• The VSWx_RUN[7:0] set the output voltage during Run mode.
• The VSWx_STBY[7:0] set the output voltage during Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com