Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMBA0ES Datasheet(PDF) 33 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 29Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 30Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 31Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 32Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 33Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 34Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 35Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
33 / 91
The INTB pin is a reflection of an “OR” logic of all the interrupt status bits which control
the pin.
Interrupts are stored in two levels on the interrupts registers. At first level, the SYS_INT
register provides information about the Interrupt register that originated the interrupt
event.
The corresponding SYS_INT bits is set as long as the INTB pin is programmed to assert
with any of the interrupt bits of the respective interrupt registers.
• STATUS1_I: this bit is set when the interrupt is generated within the INT STATUS1
register
• STATUS2_I: this bit is set when the interrupt is generated within the INT STATUS2
register
• MODE_I: this bit is set when the interrupt is generated within the SW MODE INT
register
• ILIM_I: this bit is set when the interrupt is generated within any of the SW ILIM INT
register
• UV_I: this bit is set when the interrupt is generated within any of the SW UV INT
• OV_I: this bit is set when the interrupt is generated within any of the SW OV register
• PWRON_I: this bit is set when the interrupt is generated within the PWRON INT
register
• EWARN_I: is set when an early warning event occurs to indicate an imminent
shutdown
The SYS_INT bits are set when the INTB pin is asserted by any of the second level
interrupt bits that have not been masked in their corresponding mask registers. When
the second level interrupt bit is cleared, the corresponding first level interrupt bit on the
SYS_INT register will be cleared automatically.
The INTB pin will remain asserted if any of the first level interrupts bit is set, and it will be
de-asserted only when all the unmasked second level interrupts are cleared and thus all
the first level interrupts are cleared as well.
At second level the remaining registers provide the exact source for the interrupt event.
Table 26 shows a summary of the interrupt latch, mask and sense pins available on the
PF5023.
Table 26. Interrupt registers
Register name
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
INT STATUS1
SDWN_I
FREQ_RDY_I
CRC_I
PWRUP_I
PWRDN_I
—
PGOOD_I
VIN_OVLO_I
INT MASK1
SDWN_M
FREQ_RDY_M
CRC_M
PWRUP_M
PWRDN_M
—
PGOOD_M
VIN_OVLO_M
INT SENSE1
—
—
—
—
—
—
PGOOD_S
VIN_OVLO_S
THERM INT
WDI_I
FSYNC_FLT_I
THERM_155_I
THERM_140_I
THERM_125_I
THERM_110_I
THERM_95_I
THERM_80_I
THERM MASK
WDI_M
FSYNC_FLT_M
THERM_155_M
THERM_140_M
THERM_125_M
THERM_110_M
THERM_95_M
THERM_80_M
THERM SENSE
WDI_S
FSYNC_FLT_S
THERM_155_S
THERM_140_S
THERM_125_S
THERM_110_S
THERM_95_S
THERM_80_S
SW MODE INT
—
—
—
—
—
SW3_MODE_I
SW2_MODE_I
SW1_MODE_I
SW MODE MASK
—
—
—
—
—
SW3_MODE_M
SW2_MODE_M
SW1_MODE_M
SW ILIM INT
—
—
—
—
—
SW3_ILIM_I
SW2_ILIM_I
SW1_ILIM_I
SW ILIM MASK
—
—
—
—
—
SW3_ILIM_M
SW2_ILIM_M
SW1_ILIM_M
SW ILIM SENSE
—
—
—
—
—
SW3_ILIM_S
SW2_ILIM_S
SW1_ILIM_S
SW UV INT
—
—
—
—
—
SW3_UV_I
SW2_UV_I
SW1_UV_I
SW UV MASK
—
—
—
—
—
SW3_UV_M
SW2_UV_M
SW1_UV_M
SW UV SENSE
—
—
—
—
—
SW3_UV_S
SW2_UV_S
SW1_UV_S
SW OV INT
—
—
—
—
—
SW3_OV_I
SW2_OV_I
SW1_OV_I
SW OV MASK
—
—
—
—
—
SW3_OV_M
SW2_OV_M
SW1_OV_M
SW OV SENSE
—
—
—
—
—
SW3_OV_S
SW2_OV_S
SW1_OV_S
PWRON INT
BGMON_I
PWRON_8S_I
PWRON_4S_I
PRON_3S_I
PWRON_2S_I
PWRON_1S_I
PWRON_REL_I
PWRON_PUSH_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com