Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPF5023AMBA0ES Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPF5023AMBA0ES
Description  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 52Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 53Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 54Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 55Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 56Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 57Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 58Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 59Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
56 / 91
15.4.1 Low frequency clock
A low power 100 kHz clock is provided for overall logic and digital control. Internal logic
and debounce timers are based on this 100 kHz clock.
15.4.2 High frequency clock
The PF5023 features a high frequency clock with nominal frequency of 20 MHz. Clock
frequency is programmable over a range of ±20 % via the CLK_FREQ[3:0] control bits.
15.4.3 Manual frequency tuning
The PF5023 features a manual frequency tuning to set the switching frequency of the
high frequency clock. The CLK_FREQ [3:0] bits allow a manual frequency tuning of the
high frequency clock from 16 MHz to 24 MHz.
If a frequency change of two or more steps is requested by a single I2C command, the
device performs a gradual frequency change passing through all steps in between with a
5.2 µs time between each frequency step. When the frequency reaches the programmed
value, The FREQ_RDY_I asserts the INTB pin, provided it is not masked.
When the internal clock is used as the main frequency for the power generation, an
internal frequency divider by 8 is used to generate the switching frequency for all the
buck regulators. Adjusting the frequency of the high frequency clock allows for manual
tuning of the switching frequencies for the buck regulators from 2.0 MHz to 3.0 MHz.
Table 50. Manual frequency tuning configuration
CLK_FREQ[3:0]
High speed clock frequency
(MHz)
Switching regulators frequency
(MHz)
0000
20
2.500
0001
21
2.625
0010
22
2.750
0011
23
2.875
0100
24
3.000
0101
Not used
Not used
0110
Not used
Not used
0111
Not used
Not used
1000
Not used
Not used
1001
16
2.000
1010
17
2.125
1011
18
2.250
1100
19
2.375
1101
Not used
Not used
1110
Not used
Not used
1111
Not used
Not used
The default switching frequency is set by the OTP_CLK_FREQ[3:0] bits.
Manual tuning cannot be applied when frequency spread-spectrum or external
clock synchronization is used. However, during external clock synchronization, it is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com