Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 66 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 66 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 62Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 63Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 64Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 65Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 66Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 67Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 68Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 69Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 70Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
60
SCLK/TCLK Divide-by-16 Select (D0)
D0 of the SMR controls a divide-by-16 prescaler of SCLK/TCLK (Figure 35). The
purpose of this control is to selectively reduce device power consumption during
normal processor execution (SCLK control) and/or HALT Mode (where TCLK
sources interrupt logic). After Stop-Mode Recovery, this bit is set to a 0.
Figure 35. SCLK Circuit
Stop-Mode Recovery Source (D2, D3, and D4)
These three bits of the SMR specify the wake-up source of the STOP recovery
(Figure 36 and Table 17).
SCLK
TCLK
SMR, D0
2
÷
OSC
16
÷



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com