Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 76 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 76 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 72Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 73Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 74Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 75Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 76Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 77Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 78Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 79Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 80Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
70
Care must be taken in differentiating Transmit Mode from
Demodulation Mode. Depending on which of these two modes
is operating, the CTR1 bit has different functions.
Changing from one mode to another cannot be done without
disabling the counter/timers.
CTR2 (0D) 02H
Figure 42. T16 Control Register ((0D) 2h: Read/Write Except Where Noted)
D7
D6
D5
D4
D3
D2
D1
D0
0 P35 is Port Output *
1 P35 is TC16 Output
0 Disable T16 Timeout Interrupt
1 Enable T16 Timeout Interrupt
0 Disable T16 Data Capture Interrupt
1 Enable T16 Data Capture Interrupt
0 0 SCLK on T16
0 1 SCLK/2 on T16
1 0 SCLK/4 on T16
1 1 SCLK/8 on T16
R 0 No T16 Timeout
R 1 T16 Timeout Occurs
W 0 No Effect
W 1 Reset Flag to 0
Transmit Mode
0 Modulo-N for T16
0 Single Pass for T16
Demodulator Mode
0 T16 Recognizes Edge
1 T16 Does Not Recognize Edge
R 0 T16 Disabled *
R 1 T16 Enabled
W 0 Stop T16
W1Enable T16
* Default setting after reset
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com