Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 20Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 21Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 22Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 23Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 24Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 25Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 26Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 27Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
18
Pin Functions
DS (Output, Active Low)
The Data Strobe is activated one time for each external memory transfer. For a
READ operation, data must be available prior to the trailing edge of DS. For
WRITE operations, the falling edge of DS indicates that output data is valid.
AS (Output, Active Low)
Address Strobe is pulsed one time at the beginning of each machine cycle.
Address output is through Port 0/Port 1 for all external programs. Memory address
transfers are valid at the trailing edge of AS. Under program control, AS is placed
in the high-impedance state along with Ports 0 and 1, Data Strobe, and Read/
Write.
12 Twdt
Watch-Dog Timer
2.0 V
12
ms
5
0, 0
Delay Time
3.6 V
5
ms
5
2.0 V
25
ms
5
0, 1
3.6 V
10
ms
5
2.0 V
50
ms
5
1, 0
3.6 V
20
ms
5
2.0 V
200
ms
5
1, 1
3.6 V
80
ms
5
Notes:
1. Timing Reference uses 0.9 VCC for a logic 1 and 0.1 VCC for a logic 0.
2. Interrupt request through Port 3 (P33–P31).
3. Interrupt request through Port 3 (P30).
4. SMR – D5 = 0.
5. For internal RC oscillator.
Table 8. Additional Timing (Continued)
TA = 0 °C to +70 °C
8.0 MHz
Stop-Mode
Recovery
(D1, D0)
No Sym
Parameter
VCC
Min
Max
Units Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com