Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 68 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 68 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 64Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 65Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 66Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 67Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 68Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 69Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 70Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 71Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 72Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
62
Any Port 2 bit defined as an output drives the corresponding
input to the default state. This condition allows the remaining
inputs to control the AND/OR function. Refer to SMR2 register
on page 63 for other recover sources.
Stop-Mode Recovery Delay Select (D5)
This bit, if low, disables the 5 ms RESET delay after Stop-Mode Recovery. The
default configuration of this bit is 1. If the “fast” wake up is selected, the Stop-
Mode Recovery source must be kept active for at least 5 TpC.
Stop-Mode Recovery Edge Select (D6)
A 1 in this bit position indicates that a High level on any one of the recovery
sources wakes the Z86D73 from STOP Mode. A 0 indicates Low level recovery.
The default is 0 on POR.
Cold or Warm Start (D7)
This bit is read only. It is set to 1 when the device is recovered from Stop Mode.
The bit is set to 0 when the device reset is other than Stop Mode Recovery (SMR).
Table 17. Stop-Mode Recovery Source
SMR:432
Operation
D4
D3
D2
Description of Action
0
0
0
POR and/or external reset recovery
001
Reserved
0
1
0
P31 transition
0
1
1
P32 transition
1
0
0
P33 transition
1
0
1
P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com