Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 42Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 43Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 44Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 45Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 46Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 47Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 48Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 49Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
40
T16_Enable
This field enables T16 when set to 1.
Single/Modulo-N
In Transmit Mode, when set to 0, the counter reloads the initial value when the ter-
minal count is reached. When set to 1, the counter stops when the terminal count
is reached.
In Demodulation Mode, when set to 0, T16 captures and reloads on detection of
all the edges. When set to 1, T16 captures and detects on the first edge but
ignores the subsequent edges. For details, see the description of T16 Demodula-
tion Mode on page 50.
Time_Out
This bit is set when T16 times out (terminal count reached). To reset the bit, write
a 1 to this location.
T16_Clock
This bit defines the frequency of the input signal to Counter/Timer16.
Capture_INT_Mask
This bit is set to allow an interrupt when data is captured into LO16 and HI16.
T16 _Clock
---43---
R/W
00
01
10
11
SCLK
SCLK/2
SCLK/4
SCLK/8
Capture_INT_Mask
-----2--
R/W
0
1
Disable Data Capture
Int.
Enable Data Capture
Int.
Counter_INT_Mask
------1-
R/W
0
Disable Timeout Int.
Enable Timeout Int.
P35_Out
-------0
R/W
0*
1
P35 as Port Output
T16 Output on P35
Note:
*Indicates the value upon Power-On Reset.
Table 13. CTR2 (D)02h: Counter/Timer16 Control Register (Continued)
Field
Bit Position
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com