Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 23 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 23 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 19Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 20Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 21Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 22Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 23Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 24Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 25Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 26Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 27Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
17
Table 8. Additional Timing
TA = 0 °C to +70 °C
8.0 MHz
Stop-Mode
Recovery
(D1, D0)
No Sym
Parameter
VCC
Min
Max
Units Notes
1
TpC
Input Clock Period
2.0 V
121
DC
ns
1
3.6 V
121
DC
ns
1
2
TrC,TfC
Clock Input Rise and
Fall Times
2.0 V
25
ns
1
3.6 V
25
ns
1
3
TwC
Input Clock Width
2.0 V
37
ns
1
3.6 V
37
ns
1
4
TwTinL
Timer Input
Low Width
2.0 V
100
ns
1
3.6 V
70
ns
1
5
TwTinH
Timer Input High
Width
2.0 V
3TpC
1
3.6 V
3TpC
1
6
TpTin
Timer Input Period
2.0 V
8TpC
1
3.6 V
8TpC
1
7
TrTin,TfTin Timer Input Rise and
Fall Timers
2.0 V
100
ns
1
3.6 V
100
ns
1
8A TwIL
Interrupt Request
Low Time
2.0 V
100
ns
1, 2
3.6 V
70
ns
1, 2
8B TwIL
Interrupt Request
Low Time
2.0 V
5TpC
1, 3
3.6 V
5TpC
1, 3
9
TwIH
Interrupt Request
Input High Time
2.0 V
5TpC
1, 2
3.6 V
5TpC
1, 2
10 Twsm
Stop-Mode
Recovery Width
Spec
2.0 V
12
ns
3.6 V
12
ns
11 Tost
Oscillator
Start-Up Time
2.0 V
5TpC
4
3.6 V
5TpC
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com