Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 18 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 18 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 14Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 15Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 16Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 17Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 18Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 19Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 20Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 21Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 22Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
12
IOL
Output Leakage
2.0 V
–1
1
µA V
IN = 0 V, VCC
3.6 V
–1
1
µA V
IN = 0 V, VCC
ICC
Supply Current
2.0 V
10
mA
at 8.0 MHz
1, 2
3.6 V
15
mA
at 8.0 MHz
1, 2
2.0 V
250
µA at 32 kHz
1, 2, 3
3.6 V
850
µA at 32 kHz
1, 2, 3
ICC1
Standby Current (HALT
Mode)
2.0 V
3
mA
VIN = 0 V, VCC at
8.0 MHz
1, 2
3.6 V
5
mA
Same as above
1, 2
2.0 V
2
mA
Clock Divide-by-16
at 8.0 MHz
1, 2
3.6 V
4
mA
Same as above
1, 2
ICC2
Standby Current (STOP
Mode)
2.0 V
8
µA V
IN = 0 V, VCC
WDT is not
Running
4, 5
3.6 V
10
µA Same as above
4, 5
2.0 V
500
µA V
IN = 0 V, VCC
WDT is Running
4, 5
3.6 V
800
µA Same as above
4, 5
ICC2
Standby Current (Low
Voltage)
25
µA V
CC < VBO
6
µA
TPOR
Power-On Reset
2.0 V
12
75
ms
3.6 V
5
20
ms
VBO
VCC Low Voltage
Protection
2.15
V
8 MHz max
Ext. CLK Freq.
7
VLVD
Vcc Low Voltage
Detection
VBO + 0.4
V
VLVD = VBO + 0.4
8
Notes:
*All outputs excluding P00, P01, P36, and P37.
1. All outputs unloaded, inputs at rail.
2. CL1 = CL2 = 100 pF.
3. 32-kHz clock driver input.
4. The VBO increases as the temperature decreases, except inputs at VCC.
5. Oscillator stopped.
6. Oscillator stops when VCC falls below VLV limit.
7. VBO increases as the temperature decreases.
8. Variance is 300 mV.
Table 6. DC Characteristics (Continued)
TA = 0°C to +70°C
Sym
Parameter
VCC
Min
Max
Units Conditions
Notes
Note: WDT, Comparators, Low
Voltage Detection, and ADC (if
applicable are disabled. The IC
might draw more current if any of
the above peripherals is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com