Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z86D7308HSC Datasheet(PDF) 61 Page - Zilog, Inc.

Part # Z86D7308HSC
Description  40/44/48-Pin Low-Voltage IR OTP
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86D7308HSC Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button Z86D7308HSC Datasheet HTML 57Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 58Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 59Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 60Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 61Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 62Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 63Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 64Page - Zilog, Inc. Z86D7308HSC Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
Z86D73
40/44/48-Pin Low-Voltage IR OTP
PS019402-1103
P
R
E
L
I
M
I
N
A
R
Y
55
When more than one interrupt is pending, priorities are resolved by a programma-
ble priority encoder controlled by the Interrupt Priority Register. An interrupt
machine cycle is activated when an interrupt request is granted. As a result, all
subsequent interrupts are disabled, and the Program Counter and Status Flags
are saved. The cycle then branches to the program memory vector location
reserved for that interrupt. All Z86D73 interrupts are vectored through locations in
the program memory. This memory location and the next byte contain the 16-bit
address of the interrupt service routine for that particular interrupt request. To
accommodate polled interrupt systems, interrupt inputs are masked, and the Inter-
rupt Request register is polled to determine which of the interrupt requests require
service.
An interrupt resulting from AN1 is mapped into IRQ2, and an interrupt from AN2 is
mapped into IRQ0. Interrupts IRQ2 and IRQ0 can be rising, falling, or both edge
triggered. These interrupts are programmable by the user. The software can poll
to identify the state of the pin.
Programming bits for the Interrupt Edge Select are located in the IRQ Register
(R250), bits D7 and D6. The configuration is indicated in Table 16.
Table 15. Interrupt Types, Sources, and Vectors
Name
Source
Vector Location
Comments
IRQ0
P32
0,1
External (P32), Rising Falling Edge Triggered
IRQ1
P33
2,3
External (P33), Falling Edge Triggered
IRQ2
P31, TIN 4,5
External (P31), Rising Falling Edge Triggered
IRQ3
T16
6,7
Internal
IRQ4
T8
8,9
Internal
IRQ5
LVD
10,11
Internal
Table 16. IRQ Register*
IRQ
Interrupt Edge
D7
D6
IRQ2 (P31)
IRQ0 (P32)
00
F
F
01
F
R
10
R
F
11
R/F
R/F
Notes: F = Falling Edge; R = Rising Edge
*In stop mode, the comparators are turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com