Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87LPC779FDH Datasheet(PDF) 58 Page - NXP Semiconductors

Part # P87LPC779FDH
Description  CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC779FDH Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button P87LPC779FDH Datasheet HTML 54Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 55Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 56Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 57Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 58Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 59Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 60Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 61Page - NXP Semiconductors P87LPC779FDH Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
Philips Semiconductors
P87LPC779
CMOS single-chip 8-bit microcontroller
Product data
Rev. 02 — 03 May 2004
58 of 74
9397 750 13213
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.16 Watchdog timer
When enabled via the WDTE configuration bit, the Watchdog timer is operated from
an independent, fully on-chip oscillator in order to provide the greatest possible
dependability. When the Watchdog feature is enabled, the timer must be fed regularly
by software in order to prevent it from resetting the CPU, and it cannot be turned off.
When disabled as a Watchdog timer (via the WDTE bit in the UCFG1 configuration
register), it may be used as an interval timer and may generate an interrupt. The
Watchdog timer is shown in Figure 27.
The Watchdog timeout time is selectable from one of eight values, nominal times
range from 16 milliseconds to 2.1 seconds. The frequency tolerance of the
independent Watchdog RC oscillator is
±37 %. The timeout selections and other
control bits are shown in Tables 43 and 44. When the Watchdog function is enabled,
the WDCON register may be written once during chip initialization in order to set the
Watchdog timeout time. The recommended method of initializing the WDCON
register is to first feed the Watchdog, then write to WDCON to configure the WDS2-0
bits. Using this method, the Watchdog initialization may be done any time within 10
milliseconds after start-up without a Watchdog overflow occurring before the
initialization can be completed.
Since the Watchdog timer oscillator is fully on-chip and independent of any external
oscillator circuit used by the CPU, it intrinsically serves as an oscillator fail detection
function. If the Watchdog feature is enabled and the CPU oscillator fails for any
reason, the Watchdog timer will time out and reset the CPU.
When the Watchdog function is enabled, the timer is deactivated temporarily when a
chip reset occurs from another source, such as a Power-on reset, brownout reset, or
external reset.
Fig 27. Block diagram of the Watchdog timer.
002aaa645
500 kHz
R/C OSCILLATOR
CLOCK OUT
ENABLE
WDCLK * WDTE
WDTE + WDRUN
state clock
20-BIT COUNTER
CLEAR
8 MSBs
WDS2-0
(WDCON.2-0)
WDTE (UCFG1.7)
watchdog
reset
watchdog
interrupt
WDOVF
(WDCON.5)
WATCHDOG
FEED DETECT
BOD (xxx.x)
POR (xxx.x)
S
R
Q
8 TO 1 MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com