| Electronic Components Datasheet Search |
|
HC705JJ7GRS/D Datasheet(PDF) 135 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705JJ7GRS/D Datasheet(HTML) 135 Page - NXP Semiconductors |
|
135 / 230 page ![]() Analog Subsystem Port B Interaction with Analog Inputs MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0 General Release Specification Analog Subsystem the channel selection are changed on the same write cycle, the sample may be corrupted during the switching transitions. NOTE: The sample capacitor can be affected by excessive noise created with respect to the device’s VSS pin such that it may appear to leak down or charge up depending on the voltage level stored on the sample capacitor. It is recommended to avoid switching large currents through the port pins while a voltage is to remain stored on the sample capacitor. The additional option of adding an offset voltage to the bottom of the sample capacitor allows unknown voltages near VSS to be sampled and then shifted up past the comparator offset and the device offset caused by a single VSS return pin. This offset also provides a means to measure the internal VSS level regardless of the comparator offset in order to determine NOFF as described in 8.7 Voltage Measurement Methods. In either case the OPT bit must be set in the COPR located at $1FF0 and the VOFF bit must be set in the ASR. It is not necessary to switch the VOFF bit during conversions, since the offset is controlled by the HOLD and DHOLD bits when the VOFF is active. Refer to 8.3 Analog Multiplex Register for more details on the design and decoding of the sample and hold circuit. 8.12 Port B Interaction with Analog Inputs The analog subsystem is connected directly to the port B I/O pins without any intervening gates. It is, therefore, possible to measure the voltages on port B pins set as inputs or to have the analog voltage measurements corrupted by port B pins set as outputs. 8.13 Port B Pins As Inputs All the port B pins will power up as inputs or return to inputs after a reset of the device since the bits in the port B data direction register will be reset. If any port B pins are to be used for analog voltage measurements, they should be left as inputs. In this case, not only can the voltage on the pin Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |