Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 42Page - STMicroelectronics ST25R3916B Datasheet HTML 43Page - STMicroelectronics ST25R3916B Datasheet HTML 44Page - STMicroelectronics ST25R3916B Datasheet HTML 45Page - STMicroelectronics ST25R3916B Datasheet HTML 46Page - STMicroelectronics ST25R3916B Datasheet HTML 47Page - STMicroelectronics ST25R3916B Datasheet HTML 48Page - STMicroelectronics ST25R3916B Datasheet HTML 49Page - STMicroelectronics ST25R3916B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 165 page
background image
Application information
ST25R3916B ST25R3917B
46/165
DS13541 Rev 7
4.2.14
Listen mode
The ST25R3916B and ST25R3917B listen/target mode is activated by setting to 1 bit targ in
the Mode definition register. There are various target or listening modes implemented
depending on setting of the om<3:0> bits, refer to Table 25: Target operation modes.
The main modes are
•
NFCIP-1 active target
•
Passive target used for Card mode and NFCIP-1 passive target
Fixed listen communication mode
Fixed communication mode is active when one of the target modes with om3=0 is selected.
The other om bits control the type of communication.
Passive target
Communication can be performed by the host (through FIFO) or also by using automatic
responses as referred in NFCIP-1 passive target definition register.
These automatic responses include for NFC-A the complete anti-collision including SAK.
Handling of RATS and HLTA is up to the host. For NFC-F only the SENSF_REQ is handled
by sending SENSF_RES.
States of NFC-A can be handled by observing Passive target display register and Passive
target interrupt register bits I_wu_a, I_wu_a*. Direct commands Go to sense and Go to
sleep let the host influence the passive target states.
Responses to SENSF_REQ can be observed by thanks to bit I_wu_f.
The content of the automatic responses is defined by content of PT_Memory.
NFCIP-1 active target
When operating in NFCIP-1 active target mode the following settings are relevant.
•
Enable external field detector by setting bit en_fd_c in the Operation control register.
Using the field detector allows the ST25R3916B and ST25R3917B to turn on a
response field depending on nfc_ar setting in the Mode definition register.
Bits nfc_n<1:0> of the Auxiliary definition register influence the timing of Response
collision avoidance sequence.
•
The General purpose timer defines the time until RF field off after data transmission. Its
trigger sourcehas to be set to the end of transmit, according to Table 52: Trigger
sources (gptc<2:0> = 011).
•
After TARFG either I_cat or I_cac is flagged. TARFG is defined by NFC field on guard
timer register.
•
MRT starts at external field-on. NRT can be tailored by using nrt_nfc.
•
After switching off its field the ST25R3916B and ST25R3917B start the PPON2 timer
and observe the External field detector output to detect the response field. If no
external field is detected before PPON2 timer timeout, an IRQ with I_ppon2 flag is
signaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com