Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 53Page - STMicroelectronics ST25R3916B Datasheet HTML 54Page - STMicroelectronics ST25R3916B Datasheet HTML 55Page - STMicroelectronics ST25R3916B Datasheet HTML 56Page - STMicroelectronics ST25R3916B Datasheet HTML 57Page - STMicroelectronics ST25R3916B Datasheet HTML 58Page - STMicroelectronics ST25R3916B Datasheet HTML 59Page - STMicroelectronics ST25R3916B Datasheet HTML 60Page - STMicroelectronics ST25R3916B Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 165 page
background image
DS13541 Rev 7
57/165
ST25R3916B ST25R3917B
Application information
164
Direct command chaining
As shown in Figure 21, direct commands with immediate execution can be followed by
another SPI mode (Read, Write or FIFO) without deactivating the BSS signal in between.
Figure 21. SPI communication: direct command chaining
Loading data in the PT_Memory (PT_Memory load)
Loading data into the PT_Memory is similar to loading data into the FIFO. There are three
mode patterns available to load data into three different parts of the PT_memory, as
indicated in Table 12. The first byte following the mode/address pattern is stored in the
location detailed in Table 12, for consecutive bytes the address is automatically incremented
and data are stored to consecutive addresses.
The user must take care that the number of loaded bytes fits the size of the selected
PT_memory area, not to overwrite data in the following PT_memory areas.
4.3.4
I2C interface
The I2C address is 50h.This interface supports:
•
Standard mode (100 kHz)
•
Fast mode (400 kHz)
•
Fast mode Plus (1 MHz)
•
High speed mode (3.4 MHz).
Table 13 summarizes the I2C interface signals.
Writing data to addressable registers (Register Write mode)
After the I2C slave address the address of the register to be written is sent using the same
Register Write mode byte as for SPI register write access. The Register Write mode byte is
then followed by one or more data bytes. If more than one data byte is sent, the data is
stored in subsequent registers starting form the initial register address by incrementing the
target address by one for each new data byte.
MS51649V1
BSS
Direct command
Read, Write or FIFO mode
Table 13. I2C interface and interrupt signal lines
Name
Signal
Signal level
Description
I2C_EN
Digital input
CMOS
Pull to VDD_D for I2C operation
MISO (SDA)
Digital output
I2C data line
SCLK (SCL)
Digital input
I2C clock
IRQ
Digital output
Active high - Interrupt output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com