Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 11Page - STMicroelectronics ST25R3916B Datasheet HTML 12Page - STMicroelectronics ST25R3916B Datasheet HTML 13Page - STMicroelectronics ST25R3916B Datasheet HTML 14Page - STMicroelectronics ST25R3916B Datasheet HTML 15Page - STMicroelectronics ST25R3916B Datasheet HTML 16Page - STMicroelectronics ST25R3916B Datasheet HTML 17Page - STMicroelectronics ST25R3916B Datasheet HTML 18Page - STMicroelectronics ST25R3916B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 165 page
background image
DS13541 Rev 7
15/165
ST25R3916B ST25R3917B
Description
164
2.2
Block diagram
The ST25R3916B and ST25R3917B block diagram is shown in Figure 3, the main functions
are described in the following subsections.
Figure 3. ST25R3916B and ST25R3917B block diagram
2.2.1
Transmitter
In reader mode the transmitter drives an external antenna through pins RFO1 and RFO2 to
generate the RF field. Single sided and differential antenna configurations are supported.
The transmitter block also generates the OOK or AM modulation of the transmitted RF
signal.
The transmitter can either operate RFO1 and RFO2 independently to drive up to two
antennas in single ended configuration or operate RFO1 and RFO2 combined to drive one
antenna in differential configuration. The drivers are designed to directly drive antenna(s)
integrated on the PCB as well as antennas connected with 50 Ω cables. Some of the
advanced features (such as antenna diagnostics) are not fully usable if the antenna is
connected with a 50 Ω cable.
In card emulation mode the transmitter generates the load modulation signal by changing
the resistance of the internal antenna driver connected to the antenna via RFO1 and RFO2.
The transmitter can also drive an external MOS transistor via the EXT_LM pin to generate
the load modulation signal.
ST25R3916B/17B
Receiver
Phase and
amplitude
detector
Transmitter
VDD_A, VDD_D
reference regulator
A/D
converter
XTAL oscillator
POR
and
Bias
External field
detector
XTO
XTI
RFO1
RFO2
RFI1
RFI2
AAT_A
/TO2
AAT_B
/TO3
RC oscillator
AAT
D/A converter
Digital part
SPI
FIFO 512
bytes
Control logic
SPI/I2C
interfaces
RX decoding
Wake-up
timer
Level shifters
VDD_IO
IRQ
MCU_CLK
Passive
target
memory
TX coding
Passive
target
SDD logic
P2RAM
6 bytes
Protocol
timers
Registers
VDD_RF, VDD_AM
regulator
VDD_TX
VDD_RF
VDD_AM
VDD_DR
VDD VDD_A VDD_D
I2C_EN
EXT_LM
/NC
MS69267V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com