Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 12Page - STMicroelectronics ST25R3916B Datasheet HTML 13Page - STMicroelectronics ST25R3916B Datasheet HTML 14Page - STMicroelectronics ST25R3916B Datasheet HTML 15Page - STMicroelectronics ST25R3916B Datasheet HTML 16Page - STMicroelectronics ST25R3916B Datasheet HTML 17Page - STMicroelectronics ST25R3916B Datasheet HTML 18Page - STMicroelectronics ST25R3916B Datasheet HTML 19Page - STMicroelectronics ST25R3916B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 165 page
background image
Description
ST25R3916B ST25R3917B
16/165
DS13541 Rev 7
2.2.2
Receiver
The receiver detects card modulation superimposed on the 13.56 MHz carrier signal. The
receiver consists of two receive chains that are built from a set of demodulators, followed by
two gain and filtering stages and a final digitizer stage. The demodulators operate as
AM/PM demodulator or as I/Q demodulator. The filter characteristics can be adjusted to
match the selected RF mode and bit rate to optimize performance (subcarrier frequencies
from 212 to 848 kHz are supported). Apart from the filter stage the receiver incorporates
several other features (AGC, squelch) that enable reliable operation in noisy conditions.
The receiver is connected to the antenna via the pins RFI1 and RFI2. The output of the
receiver is connected to the framing block that decodes the demodulated and digitized
subcarrier signal.
2.2.3
Phase and amplitude detector
The phase detector measures the phase difference between the transmitter output signals
(RFO1 and RFO2) and the receiver input signals (RFI1 and RFI2).
The amplitude detector measures the amplitude of the differential RF carrier signal between
the receiver inputs RFI1 and RFI2. This differential amplitude signal is directly proportional
to the amplitude of the RF signal on the antenna LC tank.
The phase- and amplitude detectors are used for several purposes:
•
PM demodulation, by observing RFI1 and RFI2 phase variations (LF signal is fed to the
receiver)
•
Average phase difference between RFOx pins and RFIx pins, to check antenna tuning
•
Measure amplitude of signal present on pins RFI1 and RFI2, proportional to the
antenna voltage
2.2.4
Automatic antenna tuning (AAT)
The AAT block consists of two independent 8-bit D/A converters. These converters generate
a programmable voltage (from 0 to 3.3 V) to control external variable capacitors.
2.2.5
A/D converter
The ST25R3916B and ST25R3917B feature a built in A/D converter. Their input can be
multiplexed from different sources and it is used for the diagnostic functions and the low
power card detection. The result of the A/D conversion is stored in a register that can be
read through the host interface.
2.2.6
External field detector
This is a low power block used in the active or passive target mode to detect the presence of
an external RF field. It supports two different external field detection thresholds, namely
Peer detection and Collision avoidance threshold.
The Peer detection threshold is used in the active and passive peer to peer modes to detect
when the peer device turns on its RF field.
The Collision avoidance threshold is used to detect the presence of an external RF field
during the RF collision avoidance procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com