Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 66Page - STMicroelectronics ST25R3916B Datasheet HTML 67Page - STMicroelectronics ST25R3916B Datasheet HTML 68Page - STMicroelectronics ST25R3916B Datasheet HTML 69Page - STMicroelectronics ST25R3916B Datasheet HTML 70Page - STMicroelectronics ST25R3916B Datasheet HTML 71Page - STMicroelectronics ST25R3916B Datasheet HTML 72Page - STMicroelectronics ST25R3916B Datasheet HTML 73Page - STMicroelectronics ST25R3916B Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 165 page
background image
Application information
ST25R3916B ST25R3917B
70/165
DS13541 Rev 7
Protocol configuration
05
ISO14443A and NFC 106kb/s settings register
06
ISO14443B settings register 1
07
ISO14443B and FeliCa settings register
08
NFCIP-1 passive target definition register
09
Stream mode definition register
0A
Auxiliary definition register
Receiver configuration
0B
Receiver configuration register 1
0C
Receiver configuration register 2
0D
Receiver configuration register 3
0E
Receiver configuration register 4
Timer definition
0F
Mask receive timer register
10
No-response timer register 1
11
No-response timer register 2
12
Timer and EMV control register
13
General purpose timer register 1
14
General purpose timer register 2
15
PPON2 field waiting register
Interrupt and
associated reporting
16
Mask main interrupt register
17
Mask timer and NFC interrupt register
18
Mask error and wake-up interrupt register
19
Mask passive target interrupt register
1A
Main interrupt register
1B
Timer and NFC interrupt register
1C
Error and wake-up interrupt register
1D
Passive target interrupt register
1E
FIFO status register 1
1F
FIFO status register 2
20
Collision display register
21
Passive target display register
Definition of number of
transmitted bytes
22
Number of transmitted bytes register 1
23
Number of transmitted bytes register 2
24
Bit rate detection display register
A/D converter output
25
A/D converter output register
Antenna calibration
26
Antenna tuning control register 1
27
Antenna tuning control register 2
Table 18. List of registers - Space A (continued)
Type
Address (hex)
Register space A (Rs-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com