Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 47 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 43Page - STMicroelectronics ST25R3916B Datasheet HTML 44Page - STMicroelectronics ST25R3916B Datasheet HTML 45Page - STMicroelectronics ST25R3916B Datasheet HTML 46Page - STMicroelectronics ST25R3916B Datasheet HTML 47Page - STMicroelectronics ST25R3916B Datasheet HTML 48Page - STMicroelectronics ST25R3916B Datasheet HTML 49Page - STMicroelectronics ST25R3916B Datasheet HTML 50Page - STMicroelectronics ST25R3916B Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 165 page
background image
DS13541 Rev 7
47/165
ST25R3916B ST25R3917B
Application information
164
Bit rate detection mode
The Listen mode can also be started from the so-called Bit rate detection mode. In this
mode the communication mode is not fixed. This mode is activated in case of Target mode
together with bit om3 set to 1.
The other om bits define the technologies to be recognized. It is an extension of the Fixed
listen communication mode.
Once the reception of the first frame starts, the Bit rate detection mode signals an IRQ I_nfct
indicating that the bit rate has been identified and the host can retrieve the related
information by reading nfc_rate on Bit rate definition register.
When the first frame has been fully received, the host can exit the Bit rate detection mode
by setting the corresponding mode on om<3:0> bits in the Mode definition register to the
corresponding fixed listen communication mode.
Bit d_ac_ap2p allows filtering of NFCIP-1 active frames.
Low power field detection
The Fixed listen communication and Bit rate detection modes can be enhanced in terms of
power consumption by using the field detector in Low-power mode, putting the
ST25R3916B and ST25R3917B in power-down mode (en = 0) while waiting for an external
field from a peer/reader.
For this mode the Bit rate detection mode or the Fixed listen communication mode have to
be selected, and bits en, rx_en and tx_en in the Operation control register need to be
cleared to 0.
In this mode the field detector has to be configured to automatic or manual peer detection
threshold.
On detection of external field (I_eon) the ST25R3916B and ST25R3917B temporarily
enable the oscillator and the receiver. The host needs to confirm it by setting en and rx_en
option bits in the Operation control register within 10 ms.
From this point on normal bit rate detection or normal target communication can be
performed.
PT memory
The PT_Memory is used to store data for NFCIP-1 passive target and NFC-A card/listen
mode. It is loaded via the host interface as described in Section 4.3.
Table 8. PT_Memory address space
Location
Description
Data usage
0-9
NFCID1 (4/7/RFU bytes)
4 bytes: locations 0-3
7 bytes: locations 0-6
NFC-A anticollision
10,11
SENS_RES2:1
SENS_REQ response
12
SELR_L1
SEL Level 1 response.
13
SELR_L2
SEL Level 2 response
14
SELR_L3
RFU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com