Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST25R3916B Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST25R3916B
Description  NFC reader for payment, consumer and industrial applications
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916B Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST25R3916B Datasheet HTML 70Page - STMicroelectronics ST25R3916B Datasheet HTML 71Page - STMicroelectronics ST25R3916B Datasheet HTML 72Page - STMicroelectronics ST25R3916B Datasheet HTML 73Page - STMicroelectronics ST25R3916B Datasheet HTML 74Page - STMicroelectronics ST25R3916B Datasheet HTML 75Page - STMicroelectronics ST25R3916B Datasheet HTML 76Page - STMicroelectronics ST25R3916B Datasheet HTML 77Page - STMicroelectronics ST25R3916B Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 165 page
background image
Application information
ST25R3916B ST25R3917B
74/165
DS13541 Rev 7
4.5.2
IO configuration register 2
Register space: A
Address: 01h
Type: RW
Table 21. IO configuration register 2
Bit
Name
Default
Function
Comments
7
sup3V
0
0: 5 V supply
1: 3.3 V supply
Set to 0 for 3.6 V < VDD ≤ 5.5 V
Set to 1 for 2.4 V ≤ VDD ≤ 3.6 V
6
vspd_off
0
0: Enable VDD_D regulator
1: Disable VDD_D regulator
Used for low cost applications. When this
bit is set:
– at 3 V or 5 V supply VDD_D and VDD_A
must be shorted externally
5
aat_en
0
0: Disable AAT D/A
1: Enable AAT D/A
The AAT D/A converters are enabled if both
aat_en and en are set. If only aat_en is set
and en is cleared, then the AAT outputs are
set to a fixed value.
Note that for the fixed value to operate, en
must have been set to 1 at least once, prior
to having en = 0.
4
miso_pd2
0
1: Pull-down on MISO, when BSS is
low and MISO is not driven by the
ST25R3916B and ST25R3917B.
Valid only in SPI mode.
3
miso_pd1
0
1: Pull-down on MISO when BSS is
high
2
io_drv_lvl
0
0: Normal IO driver level
1: Increase IO driving level
Increases IO driver strength of MISO,
MCU_CLK an IRQ.
Recommended to set to 1 for all I2C
operation, and for SPI operation if
VDD_IO < 3.3 V.
1
am_ref_rf
0
0: VDD_AM regulator reference from
VDD_DR
1: VDD_AM regulator reference from
VDD_RF
Selects non modulated RF voltage level
reference of the VDD_AM voltage regulator.
0
act_amsink
0
0: active sink disabled
1: active sink enabled
Set to 1 when Regulator modulation is
intended (reg_am=1) and big capacitor is
connected to VDD_AM (2.2 uF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com